Part Number Hot Search : 
LW3021A TLGC191P MCF54 A2012 NTE5338 S10A80 MSJ650 48S15
Product Description
Full Text Search
  isolation Datasheet PDF File

For isolation Found Datasheets File :: 55267    Search Time::4.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    4N33 4N29 4N30 4N32 4N31

Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. 4N33 4N29 4N30 4N32 4N31
OCR Text ...C Derate above 25C TOTAL DEVICE isolation Surge Voltage(2) (Peak ac Voltage, 60 Hz, 1 sec Duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(3) Storage Temperature Range(3) Soldering Tem...
Description STANDARD THRU HOLE CASE 730A-04

File Size 286.89K  /  6 Page

View it Online

Download Datasheet





    Microdc power Technology Co., Ltd
Microdc power Technolog...
Part No. 10A-ZMD 10B4815ZMD 10B2403ZMD
OCR Text ...on(automatic recovery) 1500vdc isolation operating temperature: -40 85 no heat sink required no external component required internal smd required metal shielding package mtbf>1000khours applications applications model model select...
Description 10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER

File Size 429.41K  /  3 Page

View it Online

Download Datasheet

    WDIH15140SF1123 WDIH16140SF1123 WDIH15140SF1124 WDIH16140SF1124 WDIH15140DB1154 WDIH15140DB2224 WDIH16140DB1124 WDIH1514

OPLINK Communications Inc.
OPLINK Communications I...
Part No. WDIH15140SF1123 WDIH16140SF1123 WDIH15140SF1124 WDIH16140SF1124 WDIH15140DB1154 WDIH15140DB2224 WDIH16140DB1124 WDIH15140DB2223 WDIH15140DB1123 WDIH15140DB2254 WDIH16140DB1123 WDIH16140DB1154 WDIH15140DB2253 WDIH15140DB1153 WDIH16140DB1153 WDIH15140SB1153 WDIH16140SB1153
OCR Text ...range (p) 1450 ~1495 nm channel isolation (over s, 0~70c, all sop) 21 36 db isolation pump channel @ s 15 db signal channel @ p 25 insertion loss (over wavelength range and 0~70c, all sop) pump channel 0.6 db signal channel 0.9 1...
Description 1480/1550nm WDM/Isolator Hybrid Combination

File Size 270.74K  /  2 Page

View it Online

Download Datasheet

    Sharp
Part No. PC3SF11YXPA PC3SF11YXPAF PC3SF11YWZAF PC3SF11YVZAF PC3SF11YWPA PC3SF11YXPB PC3SF11YXZB PC3SF11YXZBF
OCR Text ...al for flow soldering) 9. high isolation voltage between input and output (v iso (rms) : 5.0kv) ? zero cross type is also available. ( pc3sf21yvz series ) description pc3sf11yvz series reinforced insulation type phototriac coupler ...
Description Phototriac Coupler

File Size 247.58K  /  15 Page

View it Online

Download Datasheet

    PSAE800 PSAE-800-12 PSAE-800-15 PSAE-800-30 PSAE-800-36 PSAE-800-48 PSAE-800-60

Wall Industries,Inc.
Part No. PSAE800 PSAE-800-12 PSAE-800-15 PSAE-800-30 PSAE-800-36 PSAE-800-48 PSAE-800-60
OCR Text ...iency up to 93% 4242vdc i/o isolation constant current limiting intelligent led indicators optional rs232 function builtin i 2 c serial data bus 1u profile, high power density protection: olp, ovp, otp, fan failu...
Description AC/DC Switching Power Supplies

File Size 469.75K  /  8 Page

View it Online

Download Datasheet

    JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830

Wall Industries,Inc.
Part No. JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830
OCR Text ...ad requirement ? 1600vdc i/o isolation ? positive or negative remote on/off control option ? fixed switching frequency: 300khz ? over voltage, over load, and short circuit protected ? extended operating temperature range a...
Description 10 Watt DC/DC Power Converters

File Size 346.63K  /  5 Page

View it Online

Download Datasheet

    LTM2884 LTM2884-15

Linear Technology
Part No. LTM2884 LTM2884-15
OCR Text ...erter. the ltm2884 is ideal for isolation in host, hub, bus split - ter or peripheral device applications. it is compatible with usb 2.0 full speed (12 mbps) and low speed (1.5mbps) operation. automatic speed selection configures...
Description    Isolated USB Transceiver with Isolated Power

File Size 413.39K  /  24 Page

View it Online

Download Datasheet

    LINEAR TECHNOLOGY CORP
Part No. LTM2881HV-3PBF
OCR Text ...erter. coupled inductors and an isolation power transformer provide 2500v rms of isolation between the line transceiver and the logic interface. this device is ideal for systems where the ground loop is broken allowing for large com- mo...
Description LINE TRANSCEIVER, PBGA32

File Size 304.44K  /  22 Page

View it Online

Download Datasheet

    LS03-05B12K LS03-05B05K

MORNSUN Science& Technology Ltd.
Part No. LS03-05B12K LS03-05B05K
OCR Text ... frequency 100khz(typ) i/o- isolation voltage 2000vac/1min ce cispr22/en55022 class b(with typical applications figure 3) emi re cispr22/en55022 class b(with typical applications figure 3) esd iec/en6...
Description 3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 387.09K  /  4 Page

View it Online

Download Datasheet

For isolation Found Datasheets File :: 55267    Search Time::4.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of isolation

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.3861088752747