Part Number Hot Search : 
P6KE18 HZ4B2 110000 ML6696CQ 2C100 40CPQ060 B7751 BGS13SL9
Product Description
Full Text Search
  inductive Datasheet PDF File

For inductive Found Datasheets File :: 45855    Search Time::1.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ...ltage as shown in Figure 5. The inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the vo...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    IL41008 IL410-X007 IL4108-X006 IL410-X006 IL4108-X007 IL4108-X009 IL410-X009

Vishay Siliconix
Part No. IL41008 IL410-X007 IL4108-X006 IL410-X006 IL4108-X007 IL4108-X009 IL410-X009
OCR Text ...VAC lines to control resistive, inductive, or capacitive loads including motors, solenoids, high current thyristors or TRIAC and relays. APPLICATIONS * Solid-state relays * Industrial controls * Office equipment * Consumer appliances ...
Description    Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

File Size 152.48K  /  10 Page

View it Online

Download Datasheet

    IL4116 IL4116-X006 IL4116-X007 IL4116-X009 IL4117 IL4117-X007 IL4118 IL4118-X006 IL4118-X007 IL4118-X009

Vishay Siliconix
Part No. IL4116 IL4116-X006 IL4116-X007 IL4116-X009 IL4117 IL4117-X007 IL4118 IL4118-X006 IL4118-X007 IL4118-X009
OCR Text ...VAC lines to control resistive, inductive, or capacitive loads including motors, solenoids, high current thyristors or TRIAC and relays. Applications include solid-state relays, industrial controls, office equipment, and consumer appliances...
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current

File Size 124.18K  /  8 Page

View it Online

Download Datasheet

    LS7635FO LS7634FO LS7634 LS7635

LSI Computer Systems
Part No. LS7635FO LS7634FO LS7634 LS7635
OCR Text ...y not operate properly with the inductive load encountered when driving a transformer-coupled low-voltage halogen lamp. The inductive load can cause a phenomenon called half-waving, wherein the triac fires in alternate half-cycles only, whi...
Description TOUCH CONTROL HALOGEN LAMP DIMMER

File Size 62.35K  /  4 Page

View it Online

Download Datasheet

    CM300DU-34KA

Mitsubishi Electric Semiconductor
Part No. CM300DU-34KA
OCR Text ...00A VGE1 = VGE2 = 15V RG = 3.1, inductive load switching operation IE = 300A IE = 300A, VGE = 0V, Tj = 25C IE = 300A, VGE = 0V, Tj = 125C IGBT part (1/2 module) FWDi part (1/2 module) Case to fin, Thermal compound applied*2 (1/2 module) Tc ...
Description HIGH POWER SWITCHING USE

File Size 72.90K  /  4 Page

View it Online

Download Datasheet

    CM150DY-24NF

Powerex Power Semiconductors
Part No. CM150DY-24NF
OCR Text ...ce Reverse Transfer Capacitance inductive Load Switch Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr VCC = 600V, IC = 150A, VGE1 = VGE2 = 15V, RG = 2.1, inductive Load Swit...
Description Dual IGBTMOD?/a> NF-Series Module 150 Amperes/1200 Volts
Dual IGBTMOD⑩ NF-Series Module 150 Amperes/1200 Volts

File Size 66.91K  /  4 Page

View it Online

Download Datasheet

    PA12A PA12

Cirrus Logic
Part No. PA12A PA12
OCR Text ...er designed to drive resistive, inductive and capacitive loads. For optimum linearity, especially at low levels, the output stage is biased for class A/B operation using a thermistor compensated base-emitter voltage multiplier circuit. The ...
Description POWER OPERATIONAL AMPLIFIERS

File Size 280.32K  /  5 Page

View it Online

Download Datasheet

    New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
Part No. MJ13009
OCR Text ...d 300 v ? reverse bias soa with inductive loads @ tc = 100c ? inductive switching matrix 3 to 12 amp, 25 and 100c tc @ 8 a, 100c is 120 ns (typ) ? 700 v blocking capability ? soa and switching applications information ? these devices are pb...
Description NPN Silicon Power Transistors

File Size 83.51K  /  2 Page

View it Online

Download Datasheet

    New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
Part No. MJ13080 MJ13081
OCR Text ... high-speed, power switching in inductive circuits where fall time is critical. they are particularlysuitedfor line-operated switch- mode applications such as: ? switching regulators b ? inverters 5 ? solenoid and relay drivers t w ? motor...
Description NPN SILICON POWER TRANSISTORS

File Size 88.20K  /  2 Page

View it Online

Download Datasheet

    BCR12CS-12LB BCR12CS-12LB-T11

Renesas Electronics Corporation
Part No. BCR12CS-12LB BCR12CS-12LB-T11
OCR Text ... voltage and current waveforms (inductive load) Supply Voltage Time (di/dt)c Time Time VD 1. Junction temperature Tj = 125C/150C 2. Rate of decay of on-state commutating current (di/dt)c = - 6.0 A/ms 3. Peak off-state voltage VD = 400 ...
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150°C)
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150∑C)

File Size 121.64K  /  8 Page

View it Online

Download Datasheet

For inductive Found Datasheets File :: 45855    Search Time::1.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of inductive

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66870713233948