Part Number Hot Search : 
ASI10553 72001 MP1008 BR204 C3420 IRU1030 AM2305PE AN41224A
Product Description
Full Text Search
  incremental Datasheet PDF File

For incremental Found Datasheets File :: 2314    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CUI
Part No. AMT112S AMT113S AMT113Q
OCR Text incremental encoder features ? patented capacitive asic technology ? low power consumption ? incremental resolutions up to 4096 ppr ? resolutions programmable with amt viewpoint? pc software ? differential line driver versions ? digitally s...
Description MODULAR incremental ENCODER

File Size 562.36K  /  9 Page

View it Online

Download Datasheet





    HEIDENHAIN
Part No. ERN1321
OCR Text ...nterface description absolute incremental ecn 1325 ecn 1313 ern 1387 ern 1321 interface 1 endat 22 ? ? ? ? ? ? ? 8 mhz ? ? 2 mhz ? ? ? * / system accuracy 2048/ 20 2048/ 20 1024/ ...
Description Rotary Encoders

File Size 790.29K  /  6 Page

View it Online

Download Datasheet

    AS5306A

Austriamicrosystems AG
Part No. AS5306A
OCR Text ... and provides a quadra ture incremental output with 40 pulses per pole period a t speeds of up to 20 meters/sec (as5304) or 12 meters /sec (as5306). a single index pulse is generated once for every po le pa...
Description 15碌m/step incremental (ABI)

File Size 422.41K  /  13 Page

View it Online

Download Datasheet

    Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
Part No. IMS-5
OCR Text ...0.45 0.59 0.07 0.10 RATED DC ** incremental*** CURRENT CURRENT (mA) (mA) 1790 1530 1470 1300 1100 855 780 670 565 490 420 370 1070 895 -- -- -- -- -- -- -- -- -- -- -- -- -- -- *Measured with full length lead. **Rated DC Current: Based o...
Description Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded

File Size 74.90K  /  2 Page

View it Online

Download Datasheet

    AS5147

austriamicrosystems AG
ams AG
Part No. AS5147
OCR Text incremental pulse count the as5147 is a high-resolution rotary position sensor for fast absolute angle measurement over a full 360-degree range. this new position sensor is eq uipped with a revolutionary integrated dynamic angle error c...
Description 14-Bit On-Axis Magnetic Rotary Position Sensor

File Size 597.28K  /  35 Page

View it Online

Download Datasheet

    AS5140H04 AS5140HASSU AS5140HASST

austriamicrosystems AG
ams AG
Part No. AS5140H04 AS5140HASSU AS5140HASST
OCR Text ...urthermore, a user-programmable incremental output is available. an internal voltage regulator allows the as5140h to operate at either 3.3v or 5v supplies. the as5140h is pin-compatible to the as5040; however it uses low- voltage otp prog...
Description 10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures

File Size 1,225.25K  /  38 Page

View it Online

Download Datasheet

    LSI[LSI Computer Systems]
Part No. LS7366R
OCR Text ...face for quadrature clocks from incremental encoders. It also interfaces with the index signals from incremental encoders to perform variety of marker functions. For communications with microprocessors or microcontrollers, it provides a 4-w...
Description 32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE

File Size 83.83K  /  13 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. MC1451A-E MC1151A MC1151A-E MC1251A MC1251A-E MC1451A
OCR Text ...aring trajectory modes Optional incremental encoder feedback Software & feature compatible with other versions of PMD's chipset family Available in 1, 2, or 4 axis configurations 32-bit position, velocity, acceleration and jerk trajectory p...
Description Advanced Step Motor Control Chipset

File Size 340.52K  /  51 Page

View it Online

Download Datasheet

    PDU1016H-8MC4 PDU1016H-.5C4 PDU1016H-100C4 PDU1016H-15M PDU1016H-15MC4 PDU1016H-1C4 PDU1016H-1M PDU1016H-1MC4 PDU1016H-2

DATADELAY[Data Delay Devices, Inc.]
Part No. PDU1016H-8MC4 PDU1016H-.5C4 PDU1016H-100C4 PDU1016H-15M PDU1016H-15MC4 PDU1016H-1C4 PDU1016H-1M PDU1016H-1MC4 PDU1016H-2 PDU1016H-20 PDU1016H-20C4 PDU1016H-20M PDU1016H-20MC4 PDU1016H-25 PDU1016H-25C4 PDU1016H-25M PDU1016H-25MC4 PDU1016H-2C4 PDU1016H-2M PDU1016H-2MC4 PDU1016H-3 PDU1016H-30 PDU1016H-30C4 PDU1016H-30M PDU1016H-30MC4 PDU1016H-3C4 PDU1016H-3M PDU1016H-3MC4 PDU1016H-4 PDU1016H-40 PDU1016H-40C4 PDU1016H-40M PDU1016H-40MC4 PDU1016H-4C4 PDU1016H-4M PDU1016H-4MC4 PDU1016H-5 PDU1016H-50 PDU1016H-50C4 PDU1016H-50M PDU1016H-50MC4 PDU1016H-5C4 PDU1016H-5M PDU1016H-5MC4 PDU1016H-6 PDU1016H-60 PDU1016H-60C4 PDU1016H-60M PDU1016H-60MC4 PDU1016H-6C4 PDU1016H-6M PDU1016H-6MC4 PDU1016H-8 PDU1016H-80 PDU1016H-80C4 PDU1016H-80M PDU1016H-80MC4 PDU1016H-8C4 PDU1016H-8M PDU1016H-.5 PDU1016H-.5M PDU1016H-.5MC4 PDU1016H-1 PDU1016H-10 PDU1016H-100 PDU1016H-100M PDU1016H-100MC4 PDU1016H-10C4 PDU1016H-10M PDU1016H-10MC4 PDU1016H-15 PDU1016H-15C4 PDU1016H
OCR Text ...s the address code, TINC is the incremental delay of the device, and TD0 is the inherent delay of the device. The incremental delay is specified by the dash number of the device and can range from 0.5ns through 100ns, inclusively. The enabl...
Description 4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE

File Size 34.91K  /  5 Page

View it Online

Download Datasheet

    HCTL2000 HCTL-2016P HCTL-2016PLC HCTL-2000 HCTL-2016 HCTL-2020

HP[Agilent(Hewlett-Packard)]
Part No. HCTL2000 HCTL-2016P HCTL-2016PLC HCTL-2000 HCTL-2016 HCTL-2020
OCR Text ...cations * Interface Quadrature incremental Encoders to Microprocessors * Interface Digital Potentiometers to Digital Data Input Buses Description The HCTL-2000, 2016, 2020 are CMOS ICs that perform the quadrature decoder, counter, and ...
Description Ic-motion Control
Quadrature Decoder/Counter Interface ICs

File Size 330.22K  /  19 Page

View it Online

Download Datasheet

For incremental Found Datasheets File :: 2314    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of incremental

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2782521247864