Part Number Hot Search : 
6PK470 SS220 IRFM460 MPSU01A 2SK2320 ADF5002 HT827A0 DM74S04M
Product Description
Full Text Search
  hybrid-high Datasheet PDF File

For hybrid-high Found Datasheets File :: 7228    Search Time::3.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ...mparable or superior to that of hybrid or modular units costing much more. The AD536A directly computes the true rms value of any complex in...high accuracy rms measurements, requiring only an external capacitor to set the averaging time const...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet





    AM79C875 AM79C875KC AM79C875KI

AMD[Advanced Micro Devices]
Part No. AM79C875 AM79C875KC AM79C875KI
OCR Text ...eliminates the need of external hybrid filters for media connection. Integrated LED logic allows three LEDs per port to be driven directly. ...high relative to the SDI- pin. 100BASE-FX is disabled when both pins are simultaneously pulled low. ...
Description NetPHY⑩ 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
NetPHY 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver

File Size 1,180.81K  /  48 Page

View it Online

Download Datasheet

    PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 PS2701-4-V PS2701-1-F4

NEC Corp.
NEC Electron Devices
NEC[NEC]
Part No. PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 PS2701-4-V PS2701-1-F4
OCR Text ...ved (Option) APPLICATIONS * Hybrid IC * Measuring instruments * Power supply * Programmable logic controllers ORDERING INFORMATION Part Number PS2701-1 PS2701-2 PS2701-4 PS2701-1-V PS2701-2-V PS2701-4-V Package 4-pin SOP 8-pin SOP 1...
Description 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
NPN-OUTPUT DC-INPUT OPTOCOUPLER,2-CHANNEL,2.5KV ISOLATION,SO

File Size 107.16K  /  12 Page

View it Online

Download Datasheet

    PS2701A-1 PS2701A-1-F3 PS2701A-1-F4 PS2701A-1-V PS2701A-1-V-F3 PS2701A-1-V-F4

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. PS2701A-1 PS2701A-1-F3 PS2701A-1-F4 PS2701A-1-V PS2701A-1-V-F3 PS2701A-1-V-F4
OCR Text ...bient light. APPLICATIONS * HYBRID IC * MEASURING INSTRUMENTS * POWER SUPPLY * TELEPHONE/TELEGRAPH LINE RECEIVER * PROGRAMMABLE LOGIC CONTROLLERS ELECTRICAL CHARACTERISTICS (TA = 25C) PART NUMBER SYMBOLS Diode VF IR Ct ICEO CTR VCE ...
Description NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER NEC是专科高隔离电压光耦合

File Size 114.58K  /  4 Page

View it Online

Download Datasheet

    UPD9903 UPD9903GT

NEC[NEC]
Part No. UPD9903 UPD9903GT
OCR Text ...ions * Termination impedance * Hybrid balance network * Feed resistance * Feed current * PAD control * A-law and -law * Digital gain set fu...High and wet control output [to the PC7073's pin 22] [to the PC7073's pin 21] [to the PC7073's pin 2...
Description UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC

File Size 129.89K  /  28 Page

View it Online

Download Datasheet

    MA28139

Dynex Semiconductor
Part No. MA28139
OCR Text ...AD OBDH R-Bus ANALOGUE HYBRID OR DISCRETE CIRCUIT OBDH BUS TERMINAL MA28139 BT-Bus DBI DMA P RBI MA28138 AD-BUS ...high causes both BATs to drive both the Nominal and the Redundant busses irrespective of the current...
Description OBDH Bus Terminal

File Size 415.47K  /  34 Page

View it Online

Download Datasheet

    MT8910-1 MT8910-1AC MT8910-1AP

Mitel Semiconductor
MITEL[Mitel Networks Corporation]
Part No. MT8910-1 MT8910-1AC MT8910-1AP
OCR Text ... achieved using echo cancelling hybrid (ECH) technology. This, in conjunction with the high performance 2B1Q line code, allows the DSLIC to meet the loop length requirements of the digital subscriber loops at the U-interface over the entire...
Description CMOS ST-BUS FAMILY Digital Subscriber Line Interface Circuit
CMOS ST-BUS⑩ FAMILY Digital Subscriber Line Interface Circuit

File Size 418.42K  /  26 Page

View it Online

Download Datasheet

For hybrid-high Found Datasheets File :: 7228    Search Time::3.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of hybrid-high

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6192049980164