Part Number Hot Search : 
C1012 2N5786 01VXC 25201 C8881 P5F60HP2 AK8173A P5F60HP2
Product Description
Full Text Search
  full Datasheet PDF File

For full Found Datasheets File :: 128314    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ...vice to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in Figure 6. Minimizing this overshoot is very importan...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...e 2:Collector 3:Emitter TO-220D full Pack Package s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...uipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    2SB1071 2SB1071A

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1071 2SB1071A
OCR Text ...E(sat) * High-speed switching * full-pack package which can be installed to the heat sink with one screw 16.70.3 7.50.2 3.10.1 Absolute Maximum Ratings TC = 25C Parameter Collector-base voltage (Emitter open) 2SB1071 2SB1071A V...
Description Silicon PNP epitaxial planar type

File Size 83.97K  /  4 Page

View it Online

Download Datasheet

    2SB1154

EPCOS AG
PANASONIC[Panasonic Semiconductor]
Part No. 2SB1154
OCR Text ... hFE Large collector current IC full-pack package which can be installed to the heat sink with one screw 0.7 15.00.3 11.00.2 5.00.2 3.2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 A A W C C 1:Base 2:Collector...
Description FILTER PLATE 10 A, 80 V, PNP, Si, POWER TRANSISTOR
Silicon PNP epitaxial planar type(For power switching)

File Size 60.17K  /  3 Page

View it Online

Download Datasheet

    2SB1155

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1155
OCR Text ... hFE Large collector current IC full-pack package which can be installed to the heat sink with one screw 0.7 15.00.3 11.00.2 5.00.2 3.2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 A A W C C 1:Base 2:Collector...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.98K  /  3 Page

View it Online

Download Datasheet

    2SB1156 B1156

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1156 B1156
OCR Text ... hFE Large collector current IC full-pack package which can be installed to the heat sink with one screw 0.7 15.00.3 11.00.2 5.00.2 3.2 3.20.1 2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2 1:Base 2:Collector 3:Emitter ...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.94K  /  3 Page

View it Online

Download Datasheet

    2SB940 2SD1264A 2B940A 2SD1264

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB940 2SD1264A 2B940A 2SD1264
OCR Text ... collector power dissipation PC full-pack package which can be installed to the heat sink with one screw s Absolute Maximum Ratings (TC=25C) Parameter Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings -200 -200 -150 -180 -6 -3 -2 30 2 ...
Description Silicon PNP epitaxial planar type(For power amplification)

File Size 44.67K  /  2 Page

View it Online

Download Datasheet

    2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ 2SB941PQ 2SB0941A

PANASONIC[Panasonic Semiconductor]
PANASONIC CORP
Part No. 2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ 2SB941PQ 2SB0941A
OCR Text ...ter saturation voltage VCE(sat) full-pack package which can be installed to the heat sink with one screw 1:Base 2:Collector 3:Emitter TO-220 full Pack Package(a) s Electrical Characteristics Parameter Collector cutoff current Collect...
Description Silicon PNP epitaxial planar type power transistor
Silicon PNP epitaxial planar type(For low-frequency power amplification)
3 A, 80 V, PNP, Si, POWER TRANSISTOR
3 A, 60 V, PNP, Si, POWER TRANSISTOR

File Size 46.06K  /  2 Page

View it Online

Download Datasheet

    2SB942 2SD1267A 2SD1267

PANASONIC[Panasonic Semiconductor]
Part No. 2SB942 2SD1267A 2SD1267
OCR Text ...ter saturation voltage VCE(sat) full-pack package which can be installed to the heat sink with one screw 1:Base 2:Collector 3:Emitter TO-220 full Pack Package(a) s Electrical Characteristics Parameter Collector cutoff current Collect...
Description Silicon PNP epitaxial planar type(For low-frequency power amplification)

File Size 45.73K  /  2 Page

View it Online

Download Datasheet

For full Found Datasheets File :: 128314    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of full

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0812051296234