Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
  flexible Datasheet PDF File

For flexible Found Datasheets File :: 21889    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LDS6128 LDS6100 LDS6107PYGI8 LDS6104 LDS6120 LDS6124NQGI8 LDS6108 LDS6126

List of Unclassifed Manufacturers
Integrated Device Technology
Part No. LDS6128 LDS6100 LDS6107PYGI8 LDS6104 LDS6120 LDS6124NQGI8 LDS6108 LDS6126
OCR Text ...olled using the host processor. flexible interface options ? spi, i 2 c, and smbus-compatible serial i/f options ? dcm outputs for mec hanical switch emulation ? vddio level for serial interface ? gpio and interrupt outputs flexibl...
Description PureTouch Capacitance Touch IC Family with Integrated LED Drivers
PureTouch? Capacitance Touch IC Family with Integrated LED Drivers

File Size 646.84K  /  3 Page

View it Online

Download Datasheet





    ATMEL
Part No. ATA5781 ATA5782
OCR Text ... start of frame identification flexible service configuration concept with on-the-fly (otf) modification (in idlemode) of sram service parameters (data rate, ?) each service consists of one service-specific configuration part three c...
Description (ATA5781 - ATA5783) UHF ASK/FSK Receiver

File Size 1,635.01K  /  20 Page

View it Online

Download Datasheet

    Intel
Part No. S80L188EB13 S80L188EB16 S80L188EB8
OCR Text ...interface, and many oth- ers. a flexible chip select unit simplifies memory and peripheral interfacing. the interrupt unit provides sources for up to 129 external interrupts and will pri- oritize these interrupts with those generated from t...
Description 16-bit high-integration embedded processor. 13 MHz, 3 V
16-bit high-integration embedded processor. 16 MHz, 3 V
16-bit high-integration embedded processor. 8 MHz, 3 V

File Size 783.08K  /  59 Page

View it Online

Download Datasheet

    Intel
Part No. S80L188EA13 S80L188EA8 TS80L188EA13 TS80L188EA8 S80L186EA13 S80L186EA8 TS80L186EA13 TS80L186EA8 TNB80L186EA13 TNB80L186EA8
OCR Text ...ly used system peripherals. two flexible dma channels perform cpu-independent data transfers. a flexible chip select unit simplifies memory and peripheral interfacing. the interrupt unit provides sources for up to 128 external interrupts an...
Description 16-bit high-integration embedded processor. 13 MHz, 3 V
16-bit high-integration embedded processor. 8 MHz, 3 V

File Size 712.58K  /  50 Page

View it Online

Download Datasheet

    AT25DQ161-MH-T AT25DQ161-SH-T AT25DQ161-MH-Y AT25DQ161-SH-B AT25DQ161-SSH-B

List of Unclassifed Manufacturers
Part No. AT25DQ161-MH-T AT25DQ161-SH-T AT25DQ161-MH-Y AT25DQ161-SH-B AT25DQ161-SSH-B
OCR Text ...ut time (t v ) of 5ns maximum ? flexible, optimized erase architecture for code + data storage applications ? uniform 4kb, 32kb, and 64kb block erase ? full chip erase ? individual sector protection with global protect/unprotect feature ? 3...
Description Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

File Size 2,642.20K  /  65 Page

View it Online

Download Datasheet

For flexible Found Datasheets File :: 21889    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of flexible

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.546352148056