Part Number Hot Search : 
1N6019 LT1114S BS5H5 A5800550 C16F63 FR207 T311019 EGP10
Product Description
Full Text Search
  60v Datasheet PDF File

For 60v Found Datasheets File :: 12751    Search Time::2.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text ... pF IC=-50A IC=-1A IE=-50A VCB=-60v VEB=-6V IC/IB=-50mA/-5mA VCE=-6V, IC=-1mA VCE=-12V, IE=2mA, f=30MHz VCB=-12V, IE=0A, f=1MHz Conditions !Packaging specifications and hFE Package Code Basic ordering unit (pieces) T146 3000 - - - - - -...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet





    2SA1102

WINGS[Wing Shing Computer Components]
Part No. 2SA1102
OCR Text ...C=-10 mA RBE= IE=-5mA IC=0 VCB=-60v IE=0 VEB=-4V IC=0 VCE=-5V IC=-1A VCE=-5V IC=-3A IC=-3A IB=-0.3A Min -160 -120 -6 Typ Max Unit V V V mA mA 55 50 -0.1 -0.1 160 -1.5 V Wing Shing Computer Components Co., (H.K.)Ltd. ...
Description PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)

File Size 25.92K  /  1 Page

View it Online

Download Datasheet

    2SA1103

WINGS[Wing Shing Computer Components]
Part No. 2SA1103
OCR Text ...C=-10 mA RBE= IE=-5mA IC=0 VCB=-60v IE=0 VEB=-4V IC=0 VCE=-5V IC=-1A VCE=-5V IC=-3A IC=-3A IB=-0.3A Min -100 -100 -6 Typ Max Unit V V V mA mA 55 80 -0.1 -0.1 160 -1.5 V Wing Shing Computer Components Co., (H.K.)Ltd. ...
Description PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)

File Size 47.55K  /  1 Page

View it Online

Download Datasheet

    2SA1105 2SA1103

WINGS[Wing Shing Computer Components]
Part No. 2SA1105 2SA1103
OCR Text ...C=-10 mA RBE= IE=-5mA IC=0 VCB=-60v IE=0 VEB=-4V IC=0 VCE=-5V IC=-1A VCE=-5V IC=-3A IC=-3A IB=-0.3A Min -160 -120 -6 Typ Max Unit V V V mA mA 55 50 -0.1 -0.1 160 -1.5 V Wing Shing Computer Components Co., (H.K.)Ltd. ...
Description PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)

File Size 47.54K  /  1 Page

View it Online

Download Datasheet

    2SA2023 2SC5611

Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2023 2SC5611
OCR Text 60v / 5A High-Speed Switching Applications Applications * Various inductance lamp drivers for electrical equipment. * Inverters, converters (strobes, flash, fluorescent lamp lighting circuit). * Power amplifier (high-power car stereo, mot...
Description 60v / 5A High-Speed Switching Applications 0V / 5A条高速开关应
PNP/NPN Epitaxial Planar Silicon Transistors
NPN Epitaxial Planar Silicon Transistors 60v / 5A High-Speed Switching Applications
PNP Epitaxial Planar Silicon Transistors 60v / 5A High-Speed Switching Applications

File Size 40.45K  /  4 Page

View it Online

Download Datasheet

    2SA2071

ROHM[Rohm]
Part No. 2SA2071
OCR Text 60v, -3A) 2SA2071 !Features 1) High speed switching. (Tf : Typ. : 20ns at IC = -3A) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -2A, IB = -0.2A) 3) Strong discharge power for inductive load and capacitance load. 4) Complem...
Description Power transistor (-60v, -3A)
Power transistor (−60v −3A)
Power transistor (−60v, −3A)

File Size 42.30K  /  4 Page

View it Online

Download Datasheet

    2SA2088

ROHM[Rohm]
Part No. 2SA2088
OCR Text 60v, -0.5A) 2SA2088 !Features 1) High speed switching. (Tf : Typ. : 60ns at IC = -500mA) 2) Low saturation voltage, typically (Typ. : -150mV at IC = -100mA, IB = -10mA) 3) Strong discharge power for inductive load and capacitance load. 4)...
Description Medium power transistor ( 60v/0.5A)
Medium power transistor (−60v, −0.5A)
Medium power transistor (-60v, -0.5A)

File Size 81.84K  /  4 Page

View it Online

Download Datasheet

    2SA2091S 2SA2091STPQ

TE Connectivity, Ltd.
ROHM[Rohm]
Part No. 2SA2091S 2SA2091STPQ
OCR Text 60v, -1A) 2SA2091S !Features 1) High speed switching. (Tf : Typ. : 30ns at IC = -1A) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -0.5A, IB = -50mA) 3) Strong discharge power for inductive load and capacitance load. 4) Comp...
Description 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR SPT, SC-72, 3 PIN
Medium power transistor (60v/ 1A)
Medium power transistor (−60v, −1A)
Medium power transistor (-60v, -1A)

File Size 81.85K  /  4 Page

View it Online

Download Datasheet

    2SA2093

ROHM[Rohm]
Part No. 2SA2093
OCR Text 60v, -2A) 2SA2093 !Features 1) High speed switching. (Tf : Typ. : 30ns at IC = -2A) 2) Low saturation voltage, typically (Typ. : -200mV at IC = -1.0A, IB = -0.1A) 3) Strong discharge power for inductive load and capacitance load. 4) Compl...
Description Power transistor ( 60v/2A)
Power transistor (−60v, −2A)
Power transistor (-60v, -2A)

File Size 81.67K  /  4 Page

View it Online

Download Datasheet

    2SB1181 2SB1260 2SB1241

ROHM[Rohm]
Part No. 2SB1181 2SB1260 2SB1241
OCR Text ...Hz IC=-50A IC=-1mA IE=-50A VCB=-60v VEB=-4V IC/IB=-500mA/-50mA VCE=-3V, IC=-0.1A Conditions !Packaging specifications and hFE Package Code Type 2SB1260 2SB1241 2SB1181 hFE PQR QR PQR Basic ordering unit (pieces) TL 2500 Taping TV2 2500 ...
Description Power Transistor

File Size 78.57K  /  3 Page

View it Online

Download Datasheet

For 60v Found Datasheets File :: 12751    Search Time::2.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 60v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9214568138123