Part Number Hot Search : 
IRG4P V630ME17 STV6400D BC2004C EPR1021G SMA28 ADUM3210 64001
Product Description
Full Text Search
  5mm Datasheet PDF File

For 5mm Found Datasheets File :: 35221    Search Time::1.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Bivar Inc.
Part No. ERM1-5mm ERM1-3MM ERM1-580 ERM1-585 ERM1-775 ERM1-770 ERM1-140 ERM1-1MM ERM1-285 ERM1-2MM ERM1-495 ERM1-4MM ERM1-680 ERM1-745 ERM1-800 ERM1-890 ERM1-740 ERM1-780 ERM1-620 ERM1-490 ERM1-895 ERM1-275 ERM1-700 ERM1-785
OCR Text ...O.025.005 TYP. L 0.020 [0.5mm] TYP. 0.095 [2.4mm] 3. TOLERANCE "L" DIMENSION: 0.030 - 0.500 (1.0 - 12.7mm)0.005(0.1mm) 0.505 - 0.750 (12.8 - 19.1mm)0.008(0.2mm) 0.755 - 1.250 (19.2 - 31.8mm)0.015(0.4mm) 2. MATERIAL: PVC ALLOY, (94V...
Description
File Size 9.83K  /  1 Page

View it Online

Download Datasheet





    Bivar Inc.
Part No. ELM1-5mm ELM1-3MM ELM1-580 ELM1-585 ELM1-770 ELM1-775 ELM1-140 ELM1-1MM ELM1-285 ELM1-275 ELM1-2MM ELM1-495 ELM1-680 ELM1-785 ELM1-800 ELM1-895 ELM1-4MM ELM1-740 ELM1-780 ELM1-490 ELM1-620 ELM1-890 ELM1-745
OCR Text ... L 0.0250.005 TYP. O.100 [O2.5mm] REF. C/L 3. TOLERANCE "L" DIMENSION: 0.030 - 0.500 (1.0 - 12.7mm)0.005(0.1mm) 0.505 - 0.750 (12.8 - 19.1mm)0.008(0.2mm) 0.755 - 1.250 (19.2 - 31.8mm)0.015(0.4mm) 2. MATERIAL: PVC ALLOY, 94V-0, BLACK. BI...
Description
File Size 10.64K  /  1 Page

View it Online

Download Datasheet

    Bivar Inc.
Part No. ELM5-5mm ELM5-150 ELM5-155 ELM5-15mm ELM5-965 ELM5-165 ELM5-030 ELM5-315 ELM5-310 ELM5-350 ELM5-640 ELM5-285 ELM5-1.250 ELM5-125 ELM5-12MM ELM5-120 ELM5-30MM ELM5-300 ELM5-320 ELM5-6MM ELM5-450 ELM5-635 ELM5-700 ELM5-1MM ELM5-385 ELM5-935 ELM5-930 ELM5-380 ELM5-630 ELM5-330 ELM5-255 ELM5-615 ELM5-065 ELM5-485 ELM5-500 ELM5-625 ELM5-745 ELM5-250 ELM5-20MM ELM5-7MM ELM5-200 ELM5-270 ELM5-720 ELM5-620 ELM5-690 ELM5-730 ELM5-060 ELM5-665 ELM5-670 ELM5-780 ELM5-205 ELM5-3.5mm ELM5-335 ELM5-600 ELM5-185 ELM5-710 ELM5-750 ELM5-480 ELM5-680 ELM5-355 ELM5-25mm ELM5-605 ELM5-765 ELM5-180 ELM5-650 ELM5-18MM ELM5-660 ELM5-610 ELM5-770 ELM5-725 ELM5-685 ELM5-075 ELM5-8MM ELM5-525 ELM5-050 ELM5-10MM ELM5-100 ELM5-105 ELM5-1.000 ELM5-1.015 ELM5-240 ELM5-245 ELM5-24MM ELM5-890
OCR Text
Description
File Size 115.62K  /  1 Page

View it Online

Download Datasheet

    Panasonic
Part No. MN37242FT
OCR Text 5mm (type-1/4) ccd area image sensor n overview the mn37242ft is a 4.5mm (type-1/4) interline transfer ccd (it-ccd) solid state image sensor device. this device uses photodiodes in the optoelectric conver- sion section and ccds for signal r...
Description Image Pickup Devices

File Size 175.55K  /  5 Page

View it Online

Download Datasheet

    5KP24A

Taiwan Semiconductor Co...
Taiwan Semiconductor Company, Ltd
Part No. 5KP24A
OCR Text ...: 265OC / 10 seconds / .375",(9.5mm) lead length / 5lbs.,(2.3kg) tension Mechanical Data Case: Molded plastic body over glass passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Th...
Description Transient Voltage Suppressor Diodes

File Size 89.88K  /  3 Page

View it Online

Download Datasheet

    Panasonic
Part No. MN37214FT
OCR Text 5mm (type-1/4) ccd area image sensor n overview the mn37214ft is a 4.5mm (type-1/4) interline transfer ccd (it-ccd) solid state image sensor device. this device uses photodiodes in the optoelectric conver- sion section and ccds for signal r...
Description Image Pickup Devices

File Size 175.46K  /  5 Page

View it Online

Download Datasheet

    Panasonic
Part No. MN372132FT
OCR Text 5mm (type-1/4) ccd area image sensor n overview the mn372132ft is a 4.5mm (type-1/4) interline trans- fer ccd (it-ccd) solid state image sensor device. this device uses photodiodes in the optoelectric conver- sion section and ccds for signa...
Description Image Pickup Devices

File Size 175.01K  /  5 Page

View it Online

Download Datasheet

    GP10Y GP10MM

TAITRON Components Incorporated
Part No. GP10Y GP10MM
OCR Text ...eed: 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS Compliance DO-41 (DO-204AL) Mechanical Data Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-204AL(DO-41) molded plastic body Plastic package has UL flam...
Description 1.0A Sintered Glass Passivated Rectifier

File Size 126.12K  /  4 Page

View it Online

Download Datasheet

    2W01G 2W005G 2W10G

TAITRON Components Incorporated
Part No. 2W01G 2W005G 2W10G
OCR Text ...teed: 260C/10 seconds 0.375" (9.5mm) lead length at 5lbs.(2.3kg) tension WOG * This series is UL recognized under component index, File number E194718 * RoHS compliant Mechanical Data Case: Terminals: Polarity: Weight: WOG, Epoxy ...
Description 2A Glass Passivated Bridge Rectifier

File Size 200.83K  /  5 Page

View it Online

Download Datasheet

    LT3028EFE LT3028EDHC LT3028 LT3028IFE LT3028IDHC

Linear Technology
Part No. LT3028EFE LT3028EDHC LT3028 LT3028IFE LT3028IDHC
OCR Text ...nced 16-Lead TSSOP and 16-Lead (5mm x 3mm) DFN Packages APPLICATIO S Cellular Phones Pagers Battery-Powered Systems Frequency Synthesizers Wireless Modems Tracking/Sequencing Power Supplies The LT (R)3028 is a dual, micropow...
Description Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs

File Size 332.61K  /  16 Page

View it Online

Download Datasheet

For 5mm Found Datasheets File :: 35221    Search Time::1.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 5mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0165510177612