Part Number Hot Search : 
3005F 4DFT1G OP4006B1 TL406 MC44802 CXP88340 EMI1812 SRUDH
Product Description
Full Text Search
  500w Datasheet PDF File

For 500w Found Datasheets File :: 3833    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 HYB5118165BSJ HYB3118165BST-60 HYB3118165BSJ-50 HYB5118165BST-60 HYB5

Siemens Semiconductor Group
SIEMENS AG
Part No. HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 HYB5118165BSJ HYB3118165BST-60 HYB3118165BSJ-50 HYB5118165BST-60 HYB5118165BSJBST-50-
OCR Text ...ge: p-soj-42-1 400 mil p-tsopii-50/44-1 400 mil -50 -60 t rac ras access time 50 60 ns t cac cas access time 13 15 ns t aa access time from ...0w power dissipation (3.3 v versions) .................................................................
Description High-Speed Fully-Differential Amplifiers 8-MSOP -40 to 85 1M X 16 EDO DRAM, 50 ns, PDSO44
1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷
1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模)
1M×16-Bit Dynamic RAM (Hyper Page Mode-EDO)(1M×16动RAM)

File Size 195.10K  /  24 Page

View it Online

Download Datasheet





    CAT5409YI-50-TE13 CAT5409 CAT5409BI-00-TE13 CAT5409BI-10-TE13 CAT5409BI-25-TE13 CAT5409BI-50-TE13 CAT5409JI-00-TE13 CAT5

http://
Rectron Semiconductor
CATALYST[Catalyst Semiconductor]
Part No. CAT5409YI-50-TE13 CAT5409 CAT5409BI-00-TE13 CAT5409BI-10-TE13 CAT5409BI-25-TE13 CAT5409BI-50-TE13 CAT5409JI-00-TE13 CAT5409JI-10-TE13 CAT5409JI-25-TE13 CAT5409JI-50-TE13 CAT5409UI-00-TE13 CAT5409UI-10-TE13 CAT5409UI-25-TE13 CAT5409UI-50-TE13 CAT5409WI-00-TE13 CAT5409WI-10-TE13 CAT5409WI-25-TE13 CAT5409WI-50-TE13 CAT5409YI-00-TE13 CAT5409YI-10-TE13 CAT5409YI-25-TE13
OCR Text ...-00) Potentiometer Resistance (-50) Potentiometer Resistance (-10) Potentiometer Resistance (-2.5) Potentiometer Resistance Tolerance RPOT Matching Power Rating IW RW RW VTERM VN Wiper Current Wiper Resistance Wiper Resistance Voltage on an...
Description Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface 四数字可编程电位计(DPPTM)与64个龙头和2线接
QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24
QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24
QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24
QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24
Sealed Modular Connector; Body Material:Metal; Connector Shell Back Termination:Female RJ45; Connector Shell Finish:Nickel; Modular Connector Shell Style:Sealed Jam Nut Receptacle; MIL SPEC:MIL-DTL-38999 Series III
RF/Coaxial Connector; RF Coax Type:UHF; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 213, 214, 225; Body Plating:Nickel RoHS Compliant: Yes
RF/Coaxial Connector; RF Coax Type:C; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 214, 313, 225; Approval Categories:UG-573A RoHS Compliant: Yes
64-Tap Quad DPP, 2-wire Interface

File Size 93.85K  /  17 Page

View it Online

Download Datasheet

    BEL
Part No. BM01810
OCR Text ...1 0.25] 0.825 [20.96] 0.925 [23.50] led 2 led 1 0.725 [18.42] 0.015 [0.38] dimensions are in inches [millimeters]. standard dimension tolerance is 0.010 [0.25] unless otherwise noted. 0.536 0.010 [13.61 0.25] 0826-1a1t-23 0826-1b1t-23 0826-...
Description INTEGRATED CONNECTOR MODULES

File Size 242.37K  /  4 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. 1SMB5951 1SMB5950
OCR Text ... 31.5 12.5 28 750 0.25 1.0 22.8 50 1smb5937 937b 33 31.35 34.65 11.4 33 800 0.25 1.0 25.1 45 1smb5938 938b 36 34.2 37.8 10.4 38 850 0.25 1.0...0w surface mount silicon zener diode http://www.luguang.cn mail:lge@luguang.cn 6 5 4 3 2...
Description 3.0W Surface Mount Silicon Zener Diode

File Size 207.31K  /  4 Page

View it Online

Download Datasheet

    SUTEX[Supertex, Inc]
Part No. HV220 HV20220 HV20320
OCR Text ...00 10 -10 10 -10 3.0 10 300 500 50 -50 50 -50 2.0 50 7.0 5.0 5.0 7.0 5.0 5.0 4.0 10 0.40 0.40 10 8.0 5.5 5.5 8.0 5.5 5.5 4.0 10 mA A mA mA pF VOUT = VDD - 0.7V VOUT = 0.7V mA mA 2.0 15 300 500 max 38 27 27 24 25 25 20 +70C min max 48 32 30 ...
Description Low Charge Injection 8-Channel High Voltage Analog Switches

File Size 885.12K  /  12 Page

View it Online

Download Datasheet

    Supertex
Part No. VP2206
OCR Text ...ero gate voltage drain current -50 av gs = 0v, v ds = max rating -10 ma v gs = 0v, v ds = 0.8 max rating t a = 125 c i d(on) on-state...0w t c = 25 c to-92 to-39 to-39 (dc) to-92 (dc) to-39 (pulsed) 0 -10 -20 -30 -50 -40 -3v 0-2-4- 6 ...
Description P-Channel Enhancement Mode Vertical DMOS FETs

File Size 483.32K  /  4 Page

View it Online

Download Datasheet

    IRG4PC50KD

International Rectifier, Corp.
IRF[International Rectifier]
Part No. IRG4PC50KD
OCR Text ... 46 310 170 3.53 13 3200 370 95 50 105 4.5 8.0 112 420 250 160 Max. Units Conditions 300 IC = 30A 38 nC VCC = 400V see figure 8 127 VGE = 15...0W -- Energy losses include "tail" -- mJ and diode reverse recovery 3.0see figures 9,10,18 -- s VCC ...
Description INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.84V, @Vge=15V, Ic=30A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.84V,@和VGE \u003d 15V的,集成电路\u003d 30A条)

File Size 363.90K  /  10 Page

View it Online

Download Datasheet

    Advanced Analogic Technologies, Inc.
TUSONIX, Inc.
Part No. 0826-1Y1T-23 0826-1X1T-23 0826-1K1T-23 0826-1A1T-23 0826-1C1T-23 0826-1G1T-23 0826-1L1T-23 0826-1E1T-23 0826-1B1T-23 0826-1D1T-23
OCR Text ...1 0.25] 0.825 [20.96] 0.925 [23.50] led 2 led 1 0.725 [18.42] 0.015 [0.38] dimensions are in inches [millimeters]. standard dimension tolerance is 0.010 [0.25] unless otherwise noted. 0.536 0.010 [13.61 0.25] 0826-1a1t-23 0826-1b1t-23 0826-...
Description 1port. Y/Y LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.G/GY LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.Y/G LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.GY/GY LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.G/G LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.G/GO LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.GO/GO LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.G/Y LEDs.RJ45 10/100/1000 Gigabit Ethernet
1port.GY/G LEDs.RJ45 10/100/1000 Gigabit Ethernet 1port.GY /克LEDs.RJ45 10/100/1000千兆以太
1port.Y/GO LEDs.RJ45 10/100/1000 Gigabit Ethernet 1port.Y/GO LEDs.RJ45 10/100/1000千兆以太

File Size 72.82K  /  4 Page

View it Online

Download Datasheet

    Panasonic
Part No. TX-17LA1F TX-17LA1V TX-20LA1P
OCR Text 50/60hz power consumption average use: 56w (tx-17la1f/p/v) 60w (tx-20la1f/p/v) stand-by condition: 1.8w tv set dc 15v, 3.2 a max. (tx-17la1f...0w (3.0w+3.0w), 10%thd headphones m3(3.5 mm) jack x 1 receiving systems/ band name pal b, g, h, seca...
Description LCD TV SERVICE MANUAL

File Size 8,661.15K  /  67 Page

View it Online

Download Datasheet

For 500w Found Datasheets File :: 3833    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 500w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73893690109253