Part Number Hot Search : 
12F625 XXXGP PE9631 XE88LC0 241TZQ16 NCP1410 FST16 D5116
Product Description
Full Text Search
  30.0 Datasheet PDF File

For 30.0 Found Datasheets File :: 215003    Search Time::5.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TOSHIBA
Part No. TMPR4937XBG-300
OCR Text 300 tentative ejc-tmpr4927tb-1 16 / apr / 02 toshiba corporatio toshiba risc processor tmpr4937xb-300 (tx4937) (64-bit risc microprocessor) 1. general description the tmpr4937tb, to be referred as tx4937 mi ps risc micro-controller is...
Description TX49 64-Bit TX SystemRISC Series Microprocessors

File Size 533.01K  /  42 Page

View it Online

Download Datasheet





    SPV-300-48 SPV-300-12 SPV-300-24

Mean Well Enterprises Co., Ltd.
Part No. SPV-300-48 SPV-300-12 SPV-300-24
OCR Text 300W Single Output with PFC Function Features : S P V- 3 0 0 series Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling b...
Description 300W Single Output with PFC Function

File Size 171.50K  /  3 Page

View it Online

Download Datasheet

    http://
Part No. GS880ZV18BT-300 GS880ZV36BT-250 GS880ZV36BT-333 GS880ZV36BT-300 GS880ZV18BT-250 GS880ZV18BT-333
OCR Text 300/250/200 9mb pipelined and flow through synchronous nbt sram 333 mhz ? 200 mhz 1.8 v v dd 1.8 v i/o 100-pin tqfp commercial temp industrial temp rev: 1.02 3/2005 1/23 ? 2004, gsi technology specifications cited are subject to change w...
Description 9Mb Pipelined and Flow Through Synchronous NBT SRAM

File Size 430.49K  /  23 Page

View it Online

Download Datasheet

    http://
Part No. GS88032BT-300 GS88018BT-300I GS88032BT-150 GS88036BT-300 GS88032BT-250 GS88036BT-250 GS88018BT-333 GS88032BT-333 GS88036BT-333 GS88036BT-333I GS88018BT-250 GS88032BT-333I GS88018BT-333I
OCR Text 300/250/200/150 512k x 18, 256k x 32, 256k x 36 9mb sync burst srams 333 mhz ? 150 mhz 2.5 v or 3.3 v v dd 2.5 v or 3.3 v i/o 100-pin tqfp commercial temp industrial temp rev: 1.04 2/2005 1/24 ? 2002, gsi technology specifications cited ...
Description 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs

File Size 434.57K  /  24 Page

View it Online

Download Datasheet

    http://
Part No. VLFX-300
OCR Text ...opband typ. passband typ. vlfx-300 dc-300 450 580 850 -20000 10 1.15 21 outline drawing typical frequency response frequency >20 ghz fco f20 f40 40 db at tenu at ion (db) 20 db 3 db 1 db typical performance data @ 25c frequency (mhz) inse...
Description Low Pass Filter DC to 300 MHz (40 dB Isolation up to 20 GHz)

File Size 112.03K  /  1 Page

View it Online

Download Datasheet

    NBB-300

RF Micro Devices
Part No. NBB-300
OCR Text ... rf in gnd gnd marking - n3 nbb-300 cascadable broadband gaas mmic amplifier dc to 12ghz ? narrow and broadband commercial and military radio designs ? linear and saturated amplifiers ? gain stage or driver amplifiers for mwradio/optical ...
Description Cascadable Broadband GaAs MMIC Amplifier DC to 12 GHz

File Size 215.30K  /  10 Page

View it Online

Download Datasheet

    Vishay
Part No. BYV29B-300 BYV29B-400
OCR Text ...ast rectifier reverse voltage 300 to 400v forward current 8.0a reverse recovery time 35ns mounting pad layout to-263ab 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k 0.027 (...
Description Diodes

File Size 162.35K  /  3 Page

View it Online

Download Datasheet

    1543-300-113 1543-300-135 1543-300-130 1543-300-149 1543-300-185 1543-300-200 1543-650-113 1543-650-130 1543-650-149 154

BOURNS INC
Bourns Electronic Solutions
Bourns Electronic Solut...
Part No. 1543-300-113 1543-300-135 1543-300-130 1543-300-149 1543-300-185 1543-300-200 1543-650-113 1543-650-130 1543-650-149 1543-650-185
OCR Text ....bourns.com how to order 1543 - 300 - 113 model type ? 1543 terminal & lever style ? 300 ? 650 other versions available upon request. lever length 113 = 11.3 mm 130 = 13.0 mm 135 = 13.5 mm 149 = 14.9 mm 185 = 18.5 mm 200 = 20.0 mm other len...
Description PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 24VDC, THROUGH HOLE-RIGHT ANGLE
1543-300.02 L13,5 TIPPTASTE
Push Switch

File Size 186.63K  /  1 Page

View it Online

Download Datasheet

    MPU50-300 MPU50-301 MPU50-200 MPU50 MPU50-100 MPU50-101 MPU50-102 MPU50-103 MPU50-104 MPU50-105 MPU50-106 MPU50-107 MPU5

Astrodyne Corporation
Part No. MPU50-300 MPU50-301 MPU50-200 MPU50 MPU50-100 MPU50-101 MPU50-102 MPU50-103 MPU50-104 MPU50-105 MPU50-106 MPU50-107 MPU50-210 MPU50-110 MPU50-108 MPU50-216 MPU50-201 MPU50-204 MPU50-203 MPU50-202 MPU50-209 MPU50-306
OCR Text ...TRODYNE.COm astrodyne.com 300 myles Standish Blvd., Taunton, mA 02780 ph: 1-800-823-8082 Fax: 508-823-8181 5 0 W M e d i c a l G r ade Desktop Switching Power Adapters mpu50 Universal 85-265VAC Input UL60601-1, EN60601-1 Approv...
Description 50W Medical Grade Desktop Switching Power Adapters

File Size 429.07K  /  4 Page

View it Online

Download Datasheet

    GENERAL SEMICONDUCTOR INC
Part No. BYM12-300
OCR Text ...2-100 bym12-150 bym12-200 bym12-300 bym12-400 unit fast efficient device: 1st band is green egl41a egl41b egl41c egl41d egl41f egl41g polarity color bands (2nd band) gray red pink orange brown yellow maximum repetitive peak reverse voltage ...
Description 1 A, 300 V, SILICON, SIGNAL DIODE, DO-213AB

File Size 58.22K  /  2 Page

View it Online

Download Datasheet

For 30.0 Found Datasheets File :: 215003    Search Time::5.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 30.0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9823760986328