Part Number Hot Search : 
R5F212K SA45A 20112 I540G MAX867 SW270001 HV3304DJ 39200
Product Description
Full Text Search
  105 Datasheet PDF File

For 105 Found Datasheets File :: 63097    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NXP Semiconductors N.V.
Part No. BLS7G2325L-105 BLS7G2325L-105-15
OCR Text 105 w ldmos power transistor for s-band radar applications at frequencies from 2300 mhz to 2500 mhz. 1.2 features and benefits ? excellent ruggedness ? high efficiency ? low r th providing excellent thermal stability ? internally matche...
Description Power LDMOS transistor BLS7G2325L-105<SOT502A (SOT502A)|<<http://www.nxp.com/packages/SOT502A.html<1<Always Pb-free,;
   Power LDMOS transistor

File Size 273.08K  /  9 Page

View it Online

Download Datasheet





    Analog Devices, Inc.
ANALOG DEVICES INC
Part No. AD9214BRS-105 AD9214-105PCB AD9214-65PCB AD9214BRS-65 AD9214BRS-80 AD9214BRS-RL105
OCR Text ...vices, inc., 2002 10-bit, 65/80/105 msps 3 v a/d converter functional block diagram ref timing 10 10 agnd ad9214 av dd drv dd pwrdwn or d 9 ? 0 dgnd encode a in a in dfs/gain refsense ref pipeline adc core t/h buffer output register feature...
Description 10-Bit, 65/80/105 MSPS 3 V A/D Converter
10-Bit/ 65/80/105 MSPS 3 V A/D Converter
1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28

File Size 448.22K  /  20 Page

View it Online

Download Datasheet

    TXM075-105 TXM075-115 TXM075-112 TXM075-124 TXM075-148 TXM240-124 TXM240-148 TXM240-112 TXM320-112 TXM320-124 TXM320-136

TRACO Electronic AG
Part No. TXM075-105 TXM075-115 TXM075-112 TXM075-124 TXM075-148 TXM240-124 TXM240-148 TXM240-112 TXM320-112 TXM320-124 TXM320-136 TXM320-148 TXM015-105 TXM025-124 TXM025-105 TXM015-112 TXM015-103 TXM015-115 TXM015-124 TXM025-103 TXM025-112 TXM150-124 TXM150-112 TXM150-148
OCR Text ...6 vdc 4.0 a 70 % 71 % txm 015-105 5 vdc 4.7-5.5 vdc 3.0 a 76 % 78 % txm 015-112 15 watt 12 vdc 11.4-13.2 vdc 1.3 a 80 % 82 % txm 015-115 15 vdc 14.2-16.5 vdc 1.0 a 82 % 83 % txm 015-124 24 vdc 22.8-26.4 vdc 0.7 a 84 % 85 % txm 025...
Description Enclosed Power Supplies

File Size 504.59K  /  7 Page

View it Online

Download Datasheet

    233-105-G6Z111-35PCN 233-105-G6Z111-2SCN 233-105-G6Z111-2PCN 233-105-G6Z111-2PN 233-105-G6Z111-35PN 233-105-G6Z111-35SN

Glenair, Inc.
GLENAIR INC
Part No. 233-105-G6Z111-35PCN 233-105-G6Z111-2SCN 233-105-G6Z111-2PCN 233-105-G6Z111-2PN 233-105-G6Z111-35PN 233-105-G6Z111-35SN 233-105-G6Z111-2SN 233-105-G6Z111-5PCN 233-105-G6Z111-35SCN 233-105-G6Z111-4SN 233-105-G6Z111-4SCN 233-105-G6Z111-4PN 233-105-G6Z111-4PCN 233-105-G6XM11-98SCN 233-105-G6XM13-98SCN 233-105-G6XM15-18SCN 233-105-G6XM11-98SN 233-105-G6XM13-98SN 233-105-G6NF21-16PCN 233-105-G6NF21-24PCN 233-105-G6XMT11-2PCN 233-105-G6XMT11-2SCN 233-105-G6XMT11-35PCN 233-105-G6Z113-8PCN 233-105-G6ZL13-8PCN
OCR Text ...: sales@glenair.com d-18 d 233-105-g6 mil-dtl-38999 series iii type environmental plug connector application notes 1. material/ finishes: barrel, coupling nut - see table ii (composite coupling nut - no plating required). in...
Description 13 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
2 CONTACT(S), STAINLESS STEEL, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
2 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
13 CONTACT(S), STAINLESS STEEL, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
5 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
4 CONTACT(S), STAINLESS STEEL, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
4 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
6 CONTACT(S), COMPOSITE, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
10 CONTACT(S), COMPOSITE, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
18 CONTACT(S), COMPOSITE, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
16 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
24 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
2 CONTACT(S), COMPOSITE, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
2 CONTACT(S), COMPOSITE, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
13 CONTACT(S), COMPOSITE, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
8 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG

File Size 416.28K  /  2 Page

View it Online

Download Datasheet

    AD9433BSQ-105 AD9433BSQ-125 AD9433 AD9433_PCB AD9433BSQZ-105

AD[Analog Devices]
ANALOG DEVICES INC
Part No. AD9433BSQ-105 AD9433BSQ-125 AD9433 AD9433_PCB AD9433BSQZ-105
OCR Text 105 MSPS SFDR = 83 dBc, fIN 70 MHz @ 105 MSPS SFDR = 72 dBc, f IN 150 MHz @ 105 MSPS 2 V p-p Analog Input Range Option On-Chip Clock Duty Cycle Stabilization On-Chip Reference and Track/Hold SFDR Optimization Circuit Excellent Linearity: DN...
Description 12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
12-Bit 105/125 MSPS Analog-To-Digital IF Sampling Converter; Package: LQFP (10x10x1.4mm W/(5.9mm Heatsink); No of Pins: 52; Temperature Range: Industrial

File Size 986.47K  /  24 Page

View it Online

Download Datasheet

    105-125 205-285

List of Unclassifed Manufacturers
Part No. 105-125 205-285
OCR Text ...ize type, contact factory. a1b 105-125 .03 1/25 25,000 220k a1c 105-125 1.2 1/7 25,000 47k a9a (ne-2e) 105-125 0.7 1/12 25,000 100k c2a (ne-2h) 105-125 1.9 1/4 25,000 30k lamp with resistor amps nominal watts nominal life resistor note: ...
Description Panel Mount Fixed Lamp LED

File Size 60.02K  /  2 Page

View it Online

Download Datasheet

    QBH-105

http://
Spectrum Microwave, Inc.
Part No. QBH-105
OCR Text 105 Features ! ! ! ! High Gain: 12.2 dB Typical High Power: +8 dBm Typical Operating Temp. - 55 C to +100 C Environmental Screening Available Available as: QBH-105, 4 Pin TO-8 (T4) QBH-9-105, Connectorized Housing (ES E52-1501) Maxi...
Description RF AMPLIFIER

File Size 53.90K  /  1 Page

View it Online

Download Datasheet

    Sanyo Electric Co., Ltd.
SANYO[Sanyo Semicon Device]
Part No. DL-3150-105
OCR Text 105 Infrared Laser Diode DL-3150-105 Infrared Laser Diode (Frame Type) Features * Wavelength : 790 nm (Typ.) * Frame type * Compact lightweight thin package * Straight leads Package Dimensions 0.70.12 0.7 3.2 -C 2- 0. ...
Description Infrared Laser Diode (Frame Type) 红外激光二极管(框架式

File Size 26.83K  /  3 Page

View it Online

Download Datasheet

    Kondenshi Corp
KODENSHI[KODENSHI KOREA CORP.]
Part No. DG-105
OCR Text 105 DIMENSIONS The DG(c)105 carrying a unique hysteresis transistor (BAMBIT)developed by KODENSHI CORP. facililates digital output bymeans of two leads.This digital photointerrupter,because of its ultra(c) compact size,requires little spa...
Description Photointerrupters(Reflective)

File Size 230.96K  /  2 Page

View it Online

Download Datasheet

For 105 Found Datasheets File :: 63097    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9297568798065