Part Number Hot Search : 
MAX778C AD8385 AD8385 2SD1117 C3502 M18GXYPQ 2SC4043S 2415S
Product Description
Full Text Search
  196 Datasheet PDF File

For 196 Found Datasheets File :: 7641    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    POC-196-C1A-ATE POC-196-D1A-ATE

Advantech Co., Ltd.
Part No. POC-196-C1A-ATE POC-196-D1A-ATE
OCR Text 196 19" Point-of-Care Terminal Featuring Intel(R) CoreTM 2 Duo Processor Features 19" LCD display IPX1 water resistant enclosure with additional IP65 dust-tight front panel UL60601-1/EN60601-1, CE & FCC Class B certified Smart card ...
Description 19 Point-of-Care Terminal Featuring Intel垄莽 Core垄芒 2 Duo Processor
19 Point-of-Care Terminal Featuring Intel? Core 2 Duo Processor
19 Point-of-Care Terminal Featuring Intel? Core?/a> 2 Duo Processor

File Size 515.36K  /  2 Page

View it Online

Download Datasheet





    196 IEC60127-2_VI

LITTELFUSE[Littelfuse]
Part No. 196 IEC60127-2_VI
OCR Text ...fuse No. 219XA. 5x20mm / No. 196 250V, IEC 60127-2/VI, 250V, T Time-Current Characteristic Time Lag (T) Specifications Packaging 000: Bulk (1000 pcs.) 002: Bulk (20x10 pcs.) 043: With mounted holder - Tape/Reel (1250 pcs.) on r...
Description MINIATURE FUSES - 5x20mm

File Size 67.26K  /  2 Page

View it Online

Download Datasheet

    496-196-221-311 495-196-221-111 495-196-221-611 495-196-221-121 495-196-221-321

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. 496-196-221-311 495-196-221-111 495-196-221-611 495-196-221-121 495-196-221-321
OCR Text ... fully ? loaded series ?? 496 \ 196 \ 221 ?\ 311 6 \? contacts ? on ? row ? "a" ? and ? "c" contact ? spacing ? arrangement 1 \? rows ? fully ? loaded 2 \? even ? number ? loaded mounting ? options 1 \? ?.110" ? (?2.80mm) ? , ? through ? ho...
Description High density 96 Contacts 3 Row Metal┸to┸Metal Connector on 2.54mm

File Size 130.04K  /  2 Page

View it Online

Download Datasheet

    EXAR[Exar Corporation]
Part No. XRT91L82IB XRT91L82
OCR Text ...Interface * Package: 15 x 15 mm 196-pin STBGA * IEEE 1149.1 Compatable JTAG port PRODUCT ORDERING INFORMATION PRODUCT NUMBER XRT91L82IB PACKAGE TYPE 196 STBGA OPERATING TEMPERATURE RANGE -40 to +85 C C 2 REV. P1.0.5 xr xr xr xr ...
Description 2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER

File Size 388.33K  /  59 Page

View it Online

Download Datasheet

    ITT Corporation
ITT[ITT Industries]
Part No. K5V2CL43G K5V1CL43G K5V19043G K5V2YG43G K5V K5V1BU43G K5V1GN43G K5V1OG43G K5V1RD43G K5V1RG43G K5V1WH43G K5V1YE43G K5V1YG43G K5V29043G K5V2BU43G K5V2GN43G K5V2OG43G K5V2RD43G K5V2RG43G K5V2WH43G K5V2YE43G
OCR Text ... 4 28 8 9,45 (.372) 5 (.196) Plating Year Force 0 0,1-0,1 (.004-.004) 1,6 (.063) 6x1 (.024x.393) 9,1 (.358) 1,4 (.055) 7 (.276) 0,1 (.393) o 6,6 (o.260) 8 (.315) TAPE & REEL COUPE A-A DETAIL Q +0,1 ...
Description Right Angle Lighted SMT Tact Switch

File Size 736.56K  /  6 Page

View it Online

Download Datasheet

    MCF5373 MCF5372 MCF5372CAB180 MCF5372L MCF5372LCVM240 MCF5373CAB180 MCF5373L MCF5373LCVM240

Freescale Semiconductor, Inc
Part No. MCF5373 MCF5372 MCF5372CAB180 MCF5372L MCF5372LCVM240 MCF5373CAB180 MCF5373L MCF5373LCVM240
OCR Text ... x x x 4 x 4 x 2 x x up to 62 x 196 MAPBGA MCF5372 MCF5372L MCF5373 MCF5373L x up to 180 MHz up to 60 MHz up to 158 x up to 240 MHz up to 80 MHz up to 211 x up to 180 MHz up to 60 MHz up to 158 x up to 240 MHz up to 80 MHz up to 211 The ...
Description Microprocessor Data Sheet

File Size 790.42K  /  42 Page

View it Online

Download Datasheet

    B0503D-2WR2 B0915D-2WR2 B0909D-2WR2 B0905D-2WR2 A0905D-2WR2 A0909D-2WR2 A0505D-2WR2

MORNSUN Science& Technology Ltd.
MORNSUN Science& Technology...
MORNSUN Science& Techno...
Part No. B0503D-2WR2 B0915D-2WR2 B0909D-2WR2 B0905D-2WR2 A0905D-2WR2 A0909D-2WR2 A0505D-2WR2
OCR Text ...01 79 83 a1215d-2wr2 15 67 7 196 81 85 a1224d-2wr2 24 42 4 196 81 85 b1205d-2wr2 5 400 40 203 220 78 82 b1209d-2wr2 9 222 22 196 81 85 b1212d-2wr2 12 167 17 203 78 82 b1215d-2wr2 15 133 13 198 80 84 b1224d-2wr2 24 83 8 194 82 86 a1505...
Description DUAL/SINGLE OUTPUT DC-DC CONVERTER

File Size 578.15K  /  5 Page

View it Online

Download Datasheet

    IRKJ166

International Rectifier
Part No. IRKJ166
OCR Text 196, .236 STANDARD RECOVERY DIODES NEW INT-A-pak Power Modules Features High Voltage Electrically Isolated by DBC Ceramic ( Al 2 O 3) 3500 V RMS Isolating Voltage Industrial Standard Package High Surge Capability Glass Passivated Chips...
Description (IRKJ166/196/236) 1600V Common Anode in a Int-a-pak Package

File Size 351.67K  /  12 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. ISL521605 ISL5216KI-1Z ISL5216KI ISL5216KI-1 ISL5216 ISL5216KIZ
OCR Text ...40 to 85 PACKAGE PKG. DWG. # 196 Ld 0.8 mm V196.12x12 BGA 196 Ld 1.0 mm V196.15x15 BGA 196 Ld 0.8 mm V196.12x12 BGA (Pb-free) 196 Ld 1.0 mm V196.15x15 BGA (Pb-free) NOTE: Intersil Pb-free plus anneal products employ special Pb-free ma...
Description Four-Channel Programmable Digital DownConverter

File Size 1,066.63K  /  65 Page

View it Online

Download Datasheet

   
Part No. RT1020-1CQ84B RT1020-1CQG84E
OCR Text ...ages: 84-pin, 132-pin, 172-pin, 196-pin, and 256-pin ceramic quad flat pack ? offered as class b and e-flow (actel space level flow) ? qml certified devices ? 100% military temperature tested (C55c to +125c) high density and performance ? 4...
Description FPGA, 547 CLBS, 6000 GATES, 55 MHz, CQFP84
FPGA, 547 CLBS, 6000 GATES, CQFP84

File Size 338.86K  /  56 Page

View it Online

Download Datasheet

For 196 Found Datasheets File :: 7641    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 196

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91638803482056