|
|
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
Part No. |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-33 AMS1117-50 AMS1117CD AMS1117CD-15 AMS1117CD-18 AMS1117CD-25 AMS1117CD-285 AMS1117CD-33 AMS1117CD-50 AMS1117-B18 AMS1117CD-B18 AMS1117-285 AMSB1117-15 AMSB1117-18 AMSB1117-285 AMSB1117-33 AMSB1117-50 AMSB1117CD-15 AMSB1117CD-25 AMSB1117CD-285 AMSB1117CD-33 AMSB1117CD-50 AMS1117-1.5 AMS1117-1.8 AMS1117-2.5 AMS1117-2.85 AMS1117-3.3 AMS1117-5.0 AMS1117CD-1.5 AMS1117CD-1.8 AMS1117CD-2.5 AMS1117CD-2.85
|
Description |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT voltage regULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
File Size |
65.17K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|