Part Number Hot Search : 
5KE10A EL7144 BAS31613 0100CT KE220 E003768 03101 J110C
Product Description
Full Text Search
  xson6 Datasheet PDF File

For xson6 Found Datasheets File :: 255    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74AUP1G9710 74AUP1G9711 74AUP1G97GN 74AUP1G97GS 74AUP1G97GM132

NXP Semiconductors N.V.
Part No. 74AUP1G9710 74AUP1G9711 74AUP1G97GN 74AUP1G97GS 74AUP1G97GM132
OCR Text ...25 C -40 C to +125 C Name SC-88 xson6 xson6 xson6 xson6 Description plastic surface-mounted package; 6 leads Version SOT363 Type number plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm pl...
Description Low-power configurable multiple function gate; Package: SOT886 (xson6); Container: Tape reel smd SPECIALTY LOGIC CIRCUIT, PDSO6

File Size 167.64K  /  22 Page

View it Online

Download Datasheet





    NX3L1G66

NXP Semiconductors
Part No. NX3L1G66
OCR Text ...1 nx3l1g66gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 table 2. marking codes [1] type number marking code nx3l1g66gw dl nx3l1g66gm dl fig 1. logic symbol fig 2...
Description Low-ohmic single-pole single-throw analog switch

File Size 128.20K  /  18 Page

View it Online

Download Datasheet

    NX3L1G66GM

NXP Semiconductors
Part No. NX3L1G66GM
OCR Text ...n nx3l1g66gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 table 2. marking type number marking code nx3l1g66gm dl fig 1. logic symbol fig 2. logic diagram 001aag48...
Description Low-voltage analog switch

File Size 105.39K  /  16 Page

View it Online

Download Datasheet

    NX3L1G66GM NX3L1G66GW NX3L1G66GW125

NXP Semiconductors
Part No. NX3L1G66GM NX3L1G66GW NX3L1G66GW125
OCR Text ...nx3l1g66gm ? 40 ? c to +125 ? c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 table 2. marking codes [1] type number marking code nx3l1g66gw dl nx3l1g66gm dl fig 1. logic symbol fi...
Description Low-ohmic single-pole single-throw analog switch

File Size 177.45K  /  19 Page

View it Online

Download Datasheet

    XC7SH125

NXP Semiconductors
Part No. XC7SH125
OCR Text ...3 xc7sh125gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 xc7sh125gf - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals...
Description High-speed Si-gate CMOS device, one non-inverting buffer/line driver with 3-state output

File Size 78.16K  /  14 Page

View it Online

Download Datasheet

    74LVC1G02 74LVC1G02GM 74LVC1G02GV 74LVC1G02GW

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LVC1G02 74LVC1G02GM 74LVC1G02GV 74LVC1G02GW
OCR Text ...SOP5 AND VSSOP5) 1 2 3 4 5 PIN (xson6) 1 2 3 4 5 6 SYMBOL B A GND Y n.c. VCC TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 5 5 5 PACKAGE SC-88A SC-74A xson6 MATERIAL plastic plastic plastic B L H L H 74LVC1G02 ...
Description Single 2-input NOR gate

File Size 76.52K  /  14 Page

View it Online

Download Datasheet

    74LVC1G32GM 74LVC1G32GV 74LVC1G32GW 74LVC1G32

PANASONIC[Panasonic Semiconductor]
Part No. 74LVC1G32GM 74LVC1G32GV 74LVC1G32GW 74LVC1G32
OCR Text ...-88A AND SC-74A) 1 2 3 4 5 PIN (xson6) 1 2 3 4 5 6 B A GND Y n.c. VCC SYMBOL data input B data input A ground (0 V) data output Y not connected supply voltage TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 5 5 6 PACK...
Description Single 2-input OR gate

File Size 75.18K  /  14 Page

View it Online

Download Datasheet

    74LVC1G08GW 74LVC1G08 74LVC1G08GM 74LVC1G08GV

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LVC1G08GW 74LVC1G08 74LVC1G08GM 74LVC1G08GV
OCR Text ...SOP5 AND VSSOP5) 1 2 3 4 5 PIN (xson6) 1 2 3 4 5 6 SYMBOL B A GND Y n.c. VCC data input B data input A ground (0 V) data output Y not connected supply voltage TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 5 5 6 PACK...
Description Single 2-input AND gate

File Size 76.52K  /  15 Page

View it Online

Download Datasheet

    NVT2001

NXP Semiconductors
Part No. NVT2001
OCR Text ...ion version nvt2001gm n1x [1] 1 xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 nvt2002dp [2] n2002 2 tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm sot5...
Description (NVT2001 / NVT2002) Bidirectional voltage level translator

File Size 261.81K  /  23 Page

View it Online

Download Datasheet

    XC7SET125 XC7SET125GF XC7SET125GW XC7SET125GV XC7SET125GM

NXP Semiconductors
Part No. XC7SET125 XC7SET125GF XC7SET125GW XC7SET125GV XC7SET125GM
OCR Text ... xc7set125gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 xc7set125gf - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminal...
Description High-spped Si-gate CMOS devices, one non-inverting buffer/line driver with 3-state output

File Size 77.44K  /  14 Page

View it Online

Download Datasheet

For xson6 Found Datasheets File :: 255    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of xson6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0981628894806