Part Number Hot Search : 
FA7700V BA3960 CPD96V F1000 C4020 FA7700V FA7700V ST92195
Product Description
Full Text Search
  vdc. Datasheet PDF File

For vdc. Found Datasheets File :: 59403    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CA531 A531-SMA531

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solution...
Part No. CA531 A531-SMA531
OCR Text ....) HIGH EFFICIENCY: 17 mA at +5 Vdc LOW NOISE FIGURE: 2.0 dB (TYP.) LOW POWER DRAIN: 85 mW at +5 Vdc LOW VSWR: 1.3:1 (TYP.) Rev. V3 Product Image Description The A531 RF amplifier is a discrete thin film hybrid design, which incorpor...
Description Cascadable Amplifier 10 to 500 MHz

File Size 1,377.81K  /  2 Page

View it Online

Download Datasheet





    JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830

Wall Industries,Inc.
Part No. JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830
OCR Text ... unit input specifications 5 vdc nominal input models (minimum order quantities apply) 4.5 5 9 12vdc nominal input models 9 12 18 24vdc nominal input models 18 24 36 input voltage range (see note 1) 48vdc nominal input m...
Description 10 Watt DC/DC Power Converters

File Size 346.63K  /  5 Page

View it Online

Download Datasheet

    G7J-2A2B-BAC50

Omron Electronics LLC
Part No. G7J-2A2B-BAC50
OCR Text ...0 vac (24 a, 230 vac), 25 a, 30 vdc 8 a, 220 vac (7.5 a, 230 vac), 8 a, 30 vdc rated carry current 25 a 8 a max. switching voltage 250 vac,125 vdc max. switching current 25 a 8 a max. switching capacity 5,500 va, 750 w dc 1,760 va, 240 w dc...
Description General Purpose Relay

File Size 795.88K  /  10 Page

View it Online

Download Datasheet

    椋???″????浣?涓??)??????
Part No. MPXV5010D
OCR Text ...g characteristics ( v s = 5.0 vdc, t a = 25c unless otherwise noted, p1 > p2. decoupling circuit shown in figure 3 required to meet specification.) characteristic symbol min typ max unit pressure range (1) 1. 1.0 kpa (kilopascal) equal...
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 438.93K  /  18 Page

View it Online

Download Datasheet

    LS03-05B05SC LS03-05B09SC LS03-05B03SC LS03-05B15SC LS03-05B24SC LS03-05B12SC

MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
Part No. LS03-05B05SC LS03-05B09SC LS03-05B03SC LS03-05B15SC LS03-05B24SC LS03-05B12SC
OCR Text ...100%) 1% (typ) 3.3 / 5 / 9 vdc models 70mv (typ) 100mv (max) 12vdc models 70mv (typ) 100mv (max) 15 vdc models 70mv (typ) 100mv (max) ripple & noise(p-p) (20mhz bandwidth) 24 vdc models 70mv (typ) 100mv (max) short ci...
Description 3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 376.56K  /  4 Page

View it Online

Download Datasheet

    BUX41 ON0260

Motorola Inc
MOTOROLA[Motorola, Inc]
Part No. BUX41 ON0260
OCR Text ...it Unit Adc Adc Apk Vdc Vdc Vdc Vdc Vdc _C 15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS BUX41 CASE 1-07 TO-204AA (TO-3) Order this document by BUX41/D 1 IIIIIIIIIIIIIIIIIIIII...
Description 15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
From old datasheet system

File Size 122.51K  /  4 Page

View it Online

Download Datasheet

    CD4538 CD4538BC CD4538BCM CD4538BCN CD4538BCWM

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
FAIRCHILD SEMICONDUCTOR CORP
Part No. CD4538 CD4538BC CD4538BCM CD4538BCN CD4538BCWM
OCR Text ...tandby current: 5 nA (typ.) @ 5 VDC s Pin compatible to CD4528BC Ordering Code: Order Number CD4538BCM CD4538BCWM CD4538BCN Package Number M16A M16B N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012,...
Description Quadruple Operational Amplifier 14-TSSOP 0 to 70 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16
Dual Precision Monostable

File Size 133.88K  /  11 Page

View it Online

Download Datasheet

    LS03-05B05S-FPT

MORNSUN Science& Technology Ltd.
Part No. LS03-05B05S-FPT
OCR Text ...ting. 100 340 400 100 60 80 70 vdc 110 240 264 85 vac input voltage derating graph o u t p u t p o w e r p e r c e n t ( % ) inputvoltagev () ambient temperature: 25 ac input efficiency cure 40 45 50 55 60 65 70 75 80 85 10 20 ...
Description HIGH VOLTAGE DC-DC(AC-DC) CONVERTER

File Size 647.03K  /  4 Page

View it Online

Download Datasheet

For vdc. Found Datasheets File :: 59403    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of vdc.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.494971036911