Part Number Hot Search : 
A5954 P39FB2 GP608 STF701TG A5954 AOL1436 12013 GS001
Product Description
Full Text Search
  square-wave 8-bit Datasheet PDF File

For square-wave 8-bit Found Datasheets File :: 2134    Search Time::3.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HS1-81C55RH-8 HS9-81C55RH-8 HS9-81C55RH-Q HS1-81C55RH-Q HS1-81C56RH-8 HS9-81C56RH-8 HS9-81C56RH-Q HS1-81C56RH-Q

Intersil Corporation
http://
Part No. HS1-81C55RH-8 HS9-81C55RH-8 HS9-81C55RH-Q HS1-81C55RH-Q HS1-81C56RH-8 HS9-81C56RH-8 HS9-81C56RH-Q HS1-81C56RH-Q
OCR Text ...ut: This output can be either a square wave or a pulse, depending on the timer mode. Voltage: +5V. Ground: Ground reference. AD0 - AD7 I/O CE or CE RD I I WR ALE IO/M PA0 - PA7 (8) PB0 - PB7 (8) PC0 - PC7 (8) I I I I/O I/O...
Description Radiation Hardened 256 x 8 CMOS RAM

File Size 111.41K  /  11 Page

View it Online

Download Datasheet





    AD4360-8

Analog Devices
Part No. AD4360-8
OCR Text ...se a dc-coupled cmos-compatible square wave, slew rate > 21 v/s. ref in input sensitivity 0.7/av dd v p-p min/max ac-coupled 0 to av dd v max cmos-compatible ref in input capacitance 5.0 pf max ref in input current 60 ...
Description Integrated Synthesizer and VCO

File Size 387.91K  /  24 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. AD4360-8
OCR Text ...se a dc-coupled cmos-compatible square wave, slew rate > 21 v/s. ref in input sensitivity 0.7/av dd v p-p min/max ac-coupled 0 to av dd v max cmos-compatible ref in input capacitance 5.0 pf max ref in input current 60 ...
Description Integrated Synthesizer and VCO

File Size 324.92K  /  24 Page

View it Online

Download Datasheet

    ADF4360-8

Analog Devices
Part No. ADF4360-8
OCR Text ...se a dc-coupled CMOS-compatible square wave, slew rate > 21 V/s. AC-coupled CMOS-compatible 1.25 V VCP 2.5 V 1.25 V VCP 2.5 V VCP = 2.0 V mA typ mA typ mA typ mA typ A typ MHz MHz MHz min/max Ratio MHz/V typ s typ MHz/V typ Hz typ...
Description Integrated Synthesizer and VCO

File Size 366.59K  /  24 Page

View it Online

Download Datasheet

    ADF4360-8

Analog Devices
Part No. ADF4360-8
OCR Text ...se a dc-coupled CMOS-compatible square wave, slew rate > 21 V/s. AC-coupled. CMOS-compatible. With RSET = 4.7 k. 2.5 0.312 2.7/10 0.2 2 1.5 2 1.5 0.6 1 3.0 DVDD - 0.4 500 0.4 3.0/3.6 AVDD AVDD 5 2.5 12.0 3.5 to 11.0 7 mA typ mA typ k nA ...
Description Integrated Integer-N Synthesizer and VCO - Output Frequency 65 to 400
Integrated Synthesizer and VCO

File Size 320.34K  /  24 Page

View it Online

Download Datasheet

    LTC1709-8 LTC1709-81 LTC1709-9

Linear Technology
Part No. LTC1709-8 LTC1709-81 LTC1709-9
OCR Text ...h Driver (Note 6) Tested with a Square Wave (Note 7) 6V < VIN < 30V, VEXTVCC = 4V ICC = 0 to 20mA, VEXTVCC = 4V ICC = 20mA, VEXTVCC = 5V ICC = 20mA, EXTVCC Ramping Positive ICC = 20mA, EXTVCC Ramping Negative 2.7 20 10 - 0.25 -0.35 40 0.4 0...
Description 2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators

File Size 259.10K  /  28 Page

View it Online

Download Datasheet

    MN101CP54A MN101CP54C

Panasonic Semiconductor
Part No. MN101CP54A MN101CP54C
OCR Text ...r timer counter 0 : 8-bit 1 (square-wave/8-bit pwm output, event count, generation of remote control carrier, simple pulse width measurement) (square-wave/pwm output to large current terminal p50 possible) clock source 1/2, 1/4 of syste...
Description MN101CP54x

File Size 398.24K  /  5 Page

View it Online

Download Datasheet

    CXD1170 CXD1170M

SONY[Sony Corporation]
Part No. CXD1170 CXD1170M
OCR Text ... AVss 1k 9 BLK 0.1 CLK 40MHZ SQUARE WAVE 11 VB 12 CLK IREF 15 3.3k DC characteristics test circuit 3 D0 (LSB) CONTROLLER * * * 4 8 D5 IO 20 200 DVM AVDD VG 17 0.1 VREF 16 2V AVss 1k 9 BLK 0.1 CLK 40MHZ SQUARE WAVE 11...
Description From old datasheet system
6-bit 40MSPS High Speed D/A Converter

File Size 144.04K  /  8 Page

View it Online

Download Datasheet

    CXD1171 CXD1171M

SONY[Sony Corporation]
Part No. CXD1171 CXD1171M
OCR Text ... 8 D7 VG 17 9 BLK 0.1 CLK 40MHZ SQUARE WAVE 11 VB 12 CLK IREF 15 3.3k VREF 16 0.1 2V AVss 1k AVDD IO 20 200 OSCILLOSCOPE 8bit COUNTER with LATCH DC Characteristics Measurement Circuit 1 CONTROLLER * * * 2 D0 (LSB) IO 20 200 ...
Description 8-bit 40MSPS High Speed D/A Converter

File Size 149.69K  /  12 Page

View it Online

Download Datasheet

    CXD1177Q

SONY[Sony Corporation]
Part No. CXD1177Q
OCR Text ... 0.1 18 CE 22 VB DVss CLK 40MHZ SQUARE WAVE 19 YCK 20 CCK VG 30 0.1 VREF 25 IREF 24 3.3k AVss 1k AVDD YO 29 200 AVss CO 27 200 AVss OSCILLOSCOPE Setup Time Hold Time Glitch Energy } Measurement Circuit 8bit COUNTER with LATCH Y...
Description 8-bit 40MSPS YC 2-channel D/A Converter

File Size 198.70K  /  13 Page

View it Online

Download Datasheet

For square-wave 8-bit Found Datasheets File :: 2134    Search Time::3.921ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of square-wave 8-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1688799858093