Part Number Hot Search : 
CY62136V 68F002 KTA1042L UT4420 R6502 4111D 251902B MTD2007F
Product Description
Full Text Search
  so-dimm... Datasheet PDF File

For so-dimm... Found Datasheets File :: 1074    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HD74ALVC162834A

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. HD74ALVC162834A
OCR Text ... have series dumping resistors, so no external resistors are required * tpd (CLK to Y) = 3.5 ns (Max) (@VCC = 3.30.3 V, CL = 50 pF, Ta = 0 to 85C) * tpd (CLK to Y) = 2.5 ns (Max) (@VCC = 3.30.3 V, CL = 30 pF, Ta = 0 to 85C) HD74ALVC16283...
Description 1-Of-8 Data Selectors/Multiplexers 16-CDIP -55 to 125 18位通用总线驱动器,三态输出和反向锁存使能
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable

File Size 61.22K  /  16 Page

View it Online

Download Datasheet





    HD74ALVC162834

HITACHI[Hitachi Semiconductor]
Part No. HD74ALVC162834
OCR Text ...quivalent 26 series resistors, so no external resistors are required HD74ALVC162834 Function Table Inputs OE H L L L L L H: L: X: Z: : Note: LE X L L H H H CLK X X X L or H A X L H L H X Output Y Z L H L H Y0 *1 High level Low le...
Description 18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable

File Size 59.77K  /  15 Page

View it Online

Download Datasheet

    HD74ALVC162835A

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. HD74ALVC162835A
OCR Text ... have series dumping resistors, so no external resistors are required * tpd (CLK to Y) = 3.5 ns (Max) (@VCC = 3.30.3 V, CL = 50 pF, Ta = 0 to 85C) * tpd (CLK to Y) = 2.5 ns (Max) (@VCC = 3.30.3 V, CL = 30 pF, Ta = 0 to 85C) HD74ALVC16283...
Description 1-Of-8 Data Selectors/Multiplexers 16-CDIP -55 to 125 18位通用总线驱动器,三态输
18-bit Universal Bus Driver with 3-state Outputs

File Size 60.86K  /  16 Page

View it Online

Download Datasheet

    HD74ALVC162835

HITACHI[Hitachi Semiconductor]
Part No. HD74ALVC162835
OCR Text ...quivalent 26 series resistors, so no external resistors are required HD74ALVC162835 Function Table Inputs OE H L L L L L H: L: X: Z: : Note: LE X H H L L L CLK X X X L or H A X L H L H X Output Y Z L H L H Y0 *1 High level Low le...
Description 18-bit Universal Bus Driver with 3-state Outputs

File Size 63.51K  /  15 Page

View it Online

Download Datasheet

    HD74CDCV857

HITACHI[Hitachi Semiconductor]
Part No. HD74CDCV857
OCR Text ...d PLL synchronizes CLK and FBIN so that there is nominally zero phase error between CLK and FBIN. Feedback output. FBOUT is dedicated for ex...DIMM specification) 2. Operating clock frequency indicates a range over which the PLL must be able t...
Description 2.5-V Phase-lock Loop Clock Driver

File Size 60.37K  /  15 Page

View it Online

Download Datasheet

    W232 W232-09X

CYPRESS[Cypress Semiconductor]
Part No. W232 W232-09X
OCR Text ...t, and we designed this product so as not to filter off the Spread Spectrum feature of the Reference input, assuming it exists. When a zero delay buffer is not designed to pass the SS feature through, the result is a significant amount of t...
Description Clocks and Buffers : Clock Distribution
Ten Output Zero Delay Buffer

File Size 136.98K  /  5 Page

View it Online

Download Datasheet

    W48S87 W48S87-04 S87-04

CYPRESS[Cypress Semiconductor]
Part No. W48S87 W48S87-04 S87-04
OCR Text ...usts CPU clock output impedance so that a nominal 20 output impedance is maintained. This eliminates or reduces the need to adjust external ...DIMM socket or PCI slot. Provides CPU/PCI frequency selections beyond the 50- and 66.8-MHz selection...
Description From old datasheet system
Spread Spectrum 3 DIMM Desktop Clock

File Size 199.85K  /  21 Page

View it Online

Download Datasheet

For so-dimm... Found Datasheets File :: 1074    Search Time::1.375ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of so-dimm...

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7289199829102