Description |
LED AMBER 624NM CLEAR 4-PLCC SMD DIODE ZNR .35W 5.1V SOT23 SMD XTR PNP MMBT2907 SOT23 T&R DIODE ZNR .35W 5.6V SOT23 SMD transi, PNP, 150V, 500MA, 350MW, SOT23, C2L DIODE,SIGNAL,100V,4148,SOT23 TRANS NPN BT2369 SM transiSTOR - CMPT5551, NPN (SMT) Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:2000uF RoHS Compliant: No CAP 6.8UF 16V 10% TANT SMD-3216-18 TR-7 GROMMET LIQUID TIGHT 1.14 HOLE 2mm Hard Metric Connector 2mm的硬公制连接 XTR PNP MMBT2907 SOT23 T&R
|