Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
  awg24-12 Datasheet PDF File

For awg24-12 Found Datasheets File :: 188    Search Time::6.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VRH100-12 VRH100-24 VRH100-48

Chinfa Electronics Ind. Co., Ltd.
Part No. VRH100-12 VRH100-24 VRH100-48
OCR Text ...tor size range Solid:0.2-2.0mm2(AWG24-14) (use copper conductors only) 113.5 [4.47] 54.00 [2.13] 6 5 4 3 21 Rdy S/P Vout ADJ. ...12 90.0[3.6] sales@chinfa.com ...
Description 2PH / Single PH AC - DC DIN RAIL MOUNTABLE 100W INDUSTRIAL CONTROL EQUIPMENT

File Size 277.39K  /  4 Page

View it Online

Download Datasheet





    DRA10-12 DRA10-15 DRA10-24 DRA10-05

DBLECTRO[DB Lectro Inc]
Part No. DRA10-12 DRA10-15 DRA10-24 DRA10-05
OCR Text ...tor size range Solid:0.2-2.0mm2(AWG24-14) (use copper conductors only) 90.0 [3.60] Vout ADJ. NL 345 PHYSICAL CHARACTERISTICS CASE SIZE CASE MATERIAL WEIGHT 90 x 22.5 x 115 mm 3.6 x 0.89 x 4.53 inches Plastic 120 g PIN ASS...
Description AC - DC DIN RAIL MOUNTABLE 10W CLASS 2 POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT

File Size 267.00K  /  3 Page

View it Online

Download Datasheet

    DIALIGHT CORP
Part No. CE-12-C-RGB-005 CE-18-C-RGB
OCR Text ...ed. recommended min gauge wire, awg24 color engine circular mdexlumclengc_d dialight reserves the right to make changes at any time in order to supply the best product possible. cdl-m3e is equipped with 8 individual colored wires. each wir...
Description TRIPLE COLOR DISPLAY CLUSTER, RED/GREEN/ROYAL BLUE

File Size 138.89K  /  2 Page

View it Online

Download Datasheet

    DF1-6A1.05

Hirose Electric
Part No. DF1-6A1.05
OCR Text ...c : crimping socket r24 : awg24 id socket r26 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : rig...12.5 15 17.5 20 yes number of contacts a b rohs part number cl no. df1-10s-2.5r24(05) df1-11s-2.5r24...
Description 2.5mm Pitch Connector for Discrete Wire Connection

File Size 184.30K  /  7 Page

View it Online

Download Datasheet

    DF1B-14DS-2.5RC DF1B-14DEP-2.5RC DF1B-14DES-2.5RC DF1B-10DES-2.5RC DF1B-16DES-2.5RC DF1B-12DES-2.5RC DF1B-18DES-2.5RC DF

Hirose Electric
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
Part No. DF1B-14DS-2.5RC DF1B-14DEP-2.5RC DF1B-14DES-2.5RC DF1B-10DES-2.5RC DF1B-16DES-2.5RC DF1B-12DES-2.5RC DF1B-18DES-2.5RC DF1B-20DES-2.5RC DF1B-22DES-2.5RC DF1B-24DES-2.5RC DF1B-28DES-2.5RC DF1B-26DES-2.5RC DF1B-30DES-2.5RC DF1B-32DES-2.5RC DF1B-34DES-2.5RC AP105-DF1B-2022P AP105-DF1B-2022S AP105-DF1B-2428P AP105-DF1B-2428S AP105-DF1B-30P AP105-DF1B-30S AP105-DF1B-PR AP105-DF1B-R DF1B-34DS-2.5RC DF1B-36DS-2.5RC DF1B-7S-2.5R DF1B-3S-2.5R DF1B-TA30PHC DF1B-TA2022PHC DF1B-TA2428SHC DF1B-TA2428PHC DF1B-TA30SHC DF1B-TA2022SHC DF1B-30DS-2.5RC DF1B-30DEP-2.5RC DF1B-2428SCA DF1B-2428PC DF1B-2428SCF DF1B-2428SCFA DF1B-5S-2.5R DF1B-2428PCF DF1B-4DS-2.5RC DF1B-8ES-2.5RC DF1B-9ES-2.5RC DF1BA-8EP-2.5RC DF1B-34DEP-2.5RC DF1B-T2428HR DF1B-T2428PHR DF1B-18DEP-2.5RC DF1BA-9EP-2.5RC DF1B-6S-2.5R DF1B-2EP-2.5RC DF1B-2ES-2.5RC DF1BA-4DEP-2.5RC CM-105 DF1BA-8DEP-2.5RC DF1BA-6DEP-2.5RC DF1BA-10DEP-2.5RC DF1BA-12DEP-2.5RC DF1BA-16DEP-2.5RC DF1BA-18DEP-2.5RC DF1BA-20DEP-2.5RC DF1BA-14DEP-2.5RC DF1BA-22DEP-2.5RC DF1BA-26DEP-2.5RC DF1BA-24DEP-2.5RC DF1BA-28DEP-2.5RC DF1BA-30DEP-2.5RC DF1B-12DEP-2.5RC DF1B-10DEP-2.5RC DF1BA-34DEP-2.5RC DF1B-8S-2.5R DF1B-6DS-2.5RC DF1B-4ES-2.5RC DF1B-4EP-2.5RC DF1BZ-4DP-2.5DSA DF
OCR Text ... one case figure 1 id terminal (awg24, 26, 28) crimping contact (awg20 to 30) b184 df1b series 2.5mm pitch connector for discrete wire co...12 13 14 15 16 18 20 27.5 30 32.5 35 37.5 40 45 50 25 27.5 30 32.5 35 37.5 42.5 47.5 yes number of c...
Description 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)

File Size 361.04K  /  19 Page

View it Online

Download Datasheet

    DRS240PS24 DRS240PS48 DRS240PS12

XP Power Limited
Part No. DRS240PS24 DRS240PS48 DRS240PS12
OCR Text ....00 (102) 4.88 (124) 0.92 (420) awg24-10 (0.2-5.3 mm 2 ) drs120 1.57 (40) 4.60 (113.3) 4.88 (124) 1.37 (620) awg24-10 (0.2-5.3 mm 2 ) drs240 2.36 (60) 4.60 (113.3) 4.88 (124) 1.98 (900) awg24-10 (0.2-5.3 mm 2 ) dcok dcok dc ok contact ratin...
Description AC-DC Power Supplies

File Size 67.42K  /  2 Page

View it Online

Download Datasheet

   
Part No. DF1-16S-2.5R2805 DF1-16S-2.5R2405 DF1-5S-2.5R2605 DF1-11P-2.5DSA05 DF1-10P-2.5DSA05
OCR Text ...c : crimping socket r24 : awg24 id socket r26 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : rig...12.5 15 17.5 20 yes number of contacts a b rohs part number cl no. df1-10s-2.5r24(05) df1-11s-2.5r24...
Description 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 181.38K  /  7 Page

View it Online

Download Datasheet

    DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33

Hirose Electric
Part No. DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33
OCR Text ...c : crimping socket r24 : awg24 id socket r26 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : rig...12.5 15 17.5 20 yes number of contacts a b rohs part number cl no. df1-10s-2.5r24(05) df1-11s-2.5r24...
Description 2.5mm Pitch Connector for Discrete Wire Connection

File Size 206.48K  /  8 Page

View it Online

Download Datasheet

    DRS80US12 DRS80US24 DRS80US48 DRS120PS12 DRS120PS24 DRS120PS48

XP Power Limited
Part No. DRS80US12 DRS80US24 DRS80US48 DRS120PS12 DRS120PS24 DRS120PS48
OCR Text ...8 (900) Wire sizes AWG (mm2) AWG24-10 (0.2-5.3 mm2) AWG24-10 (0.2-5.3 mm2) AWG24-10 (0.2-5.3 mm2) Derating Curves DRS80 & DRS120 100 80 Load (%) Load (%) DRS240 100 80 60 40 20 0 -20 60 40 20 0 -20 0 10 20 30 ...
Description AC-DC Power Supplies

File Size 67.15K  /  2 Page

View it Online

Download Datasheet

    SMP21-L20-DC24V-10A

ETAL Group
Part No. SMP21-L20-DC24V-10A
OCR Text ...rew terminals input terminal awg24-10 (0.2 mm2 C 4 mm2) flexible/rigid output terminal awg24-10 (0.2 mm2 C 4 mm2) flexible/rigid ...12 1 12 1 12 1 12 1 12 1 12 2.1 2.2 11 14 2.1 2.2 11 14 2.1 2.2 11 14 2.1 2.2...
Description    The devices switches over automatically when connected to AC 115 V AC and 230 V

File Size 411.11K  /  6 Page

View it Online

Download Datasheet

For awg24-12 Found Datasheets File :: 188    Search Time::6.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of awg24-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.7896289825439