Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
  7.3mm Datasheet PDF File

For 7.3mm Found Datasheets File :: 10809    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTC6605-7 LTC6605CDJC-7-PBF LTC6605CDJC-7-TRPBF LTC6605IDJC-7-PBF LTC6605IDJC-7-TRPBF

Linear Technology
Part No. LTC6605-7 LTC6605CDJC-7-PBF LTC6605CDJC-7-TRPBF LTC6605IDJC-7-PBF LTC6605IDJC-7-TRPBF
OCR Text 7 Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier DESCRIPTION The LTC(R)6605-7 contains two independent, ful...3mm 22-pin leadless DFN package and operates over a -40C to 85C temperature range. , LT, LTC and LT...
Description Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er

File Size 241.41K  /  20 Page

View it Online

Download Datasheet





    Linear Technology, Corp.
Part No. LT4363 LT4363-15
OCR Text ... lt4363-1 lt4363-1 12 11 10 9 8 7 13 gnd 1 2 3 4 5 6 tmr enout flt gnd uv gnd fb out sns gate v cc shdn top view de package 12-lead (4mm 3mm) plastic dfn t jmax = 125c, ja = 43c/w exposed pad (pin 13) is gnd, connection to pcb op ...
Description High Voltage Surge Stopper with Current Limit

File Size 301.34K  /  24 Page

View it Online

Download Datasheet

    MAX17552

Maxim Integrated Products
Part No. MAX17552
OCR Text .../uvlo falling, true shutdown 0.7 en/uvlo leakage current i en v en/uvlo = 1.3v, t a = +25c -100 +100 na power mosfets high-side pmos on...3mm x 2mm 5 fb 10 8 7 9 6 10 2 3 4 5 9 8 7 6 gnd mode reset v out fb ss rt/sync en/uvlo max 3mm x 3m...
Description Synchronous Step-Down DC-DC Converter

File Size 1,306.82K  /  20 Page

View it Online

Download Datasheet

    MIC24085EYML MIC24085FYML MIC24085AYML MIC24085BYML MIC24085CYML MIC24085DYML

Micrel Semiconductor
Part No. MIC24085EYML MIC24085FYML MIC24085AYML MIC24085BYML MIC24085CYML MIC24085DYML
OCR Text ... desired output voltage . 6, 7 nc no connection. 8 pg power good (output): open drain o utput , which needs a pull -up. the pg ...3mm 3mm qfn (ml ) note: 10. package information is correct as of the publication dat...
Description Integrated FET Buck Regulator

File Size 1,602.69K  /  16 Page

View it Online

Download Datasheet

    StarHope
Part No. SPGL701M
OCR Text ...0 s p g l 6 0 1 m 6 0 0 s p g l 7 0 1 m 7 0 0 s p g l 1 0 2 m 1 0 0 0 s p g l 1 5 2 m 1 5 0 0 1 0 k v 1 0 0 a 2 0 0 1 0 0 m / 1 0 0 v 1 ...3mm??2655??5??? ????. ( a p p l y f l u x a n d i m m e r se i n m o l t e n so l d e r , u p t o t ...
Description ADSL MODEM、FAX、TEL

File Size 326.78K  /  3 Page

View it Online

Download Datasheet

    74LS138 DM74LS138 DM74LS138M DM74LS138N DM74LS138SJ DM74LS139M DM74LS139N DM74LS139SJ 74138

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. 74LS138 DM74LS138 DM74LS138M DM74LS138N DM74LS138SJ DM74LS139M DM74LS139N DM74LS139SJ 74138
OCR Text ...4) VCC = Max (Note 5) -20 6.3 2.7 3.4 0.35 0.25 0.5 0.4 0.1 20 -0.36 -100 10 Min Typ (Note 3) Max -1.5 Units V V V mA A mA mA mA Note 3: ...3mm Wide Package Number M16D www.fairchildsemi.com 6 DM74LS138 * DM74LS139 Decoder/Demultip...
Description Decoder/Demultiplexer

File Size 81.03K  /  7 Page

View it Online

Download Datasheet

    MIC22205 MIC22205YML

Micrel Semiconductor
Part No. MIC22205 MIC22205YML
OCR Text ...st the desired output voltage. 7 svin signal power supply voltage (input): this pin is connected externally to the pvin pin. a 2.2f ceram...3mm x 3mm mlf ? -12 ( jc ) ............................ 28.7c/w 3mm x 3mm mlf ? -12 ( ja ) .......
Description 2A, Integrated, Switch, High-Efficiency

File Size 1,593.95K  /  29 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
Part No. LTC3864
OCR Text ....3v to 5v (note 1) 12 11 10 9 8 7 13 pgnd 1 2 3 4 5 6 gate v in sense cap run pgood pllin/mode freq sgnd ss v fb ith top view de package 12-lead (4mm 3mm) plastic dfn t jmax = 150c, ja = 43c/w, jc = 5.5c/w exposed pad (pin 13) is ...
Description 60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability

File Size 692.61K  /  30 Page

View it Online

Download Datasheet

For 7.3mm Found Datasheets File :: 10809    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 7.3mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4198458194733