Part Number Hot Search : 
HD74HC MSP2204 24M05A 181KZF 8025AB PDSP16 E001454 MX25L6
Product Description
Full Text Search
  512k Datasheet PDF File

For 512k Found Datasheets File :: 4372    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ALLIANCE MEMORY INC
Part No. AS6C8016A-55BIN
OCR Text ...5 m full cmos ? organization : 512k x 16 bit ? power supply voltage : 2.7v ~ 3.6v ? low data retention voltage : 1.5v(min.) ? three state output and ttl compatible ? package type : 48-fpbga, 44-tsop2 general description the as6c8016a is...
Description 512k X 16 STANDARD SRAM, 55 ns, PBGA48

File Size 452.38K  /  12 Page

View it Online

Download Datasheet





    AS6C8008

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Part No. AS6C8008
OCR Text ... nc dq 1 d q 2 nc nc dq6 dq5 nc 512k x 8 bit low power cmos sram january 2007 january 2008 january/2008, v 1.0 alliance memory inc. page 2 of 11 as6c8008 1024k x 8 bit super low power cmos sram absolute maximum ratings parameter symbol ...
Description 512k X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM

File Size 739.54K  /  11 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. DS1280
OCR Text ...a 3-wire serial port ? supports 512k bytes of memory ? 68-pin version provides arbitration mechanisms for dual port operation ? cmos circuitry design for battery backup and battery operate applications ? cyclic redundancy check monitors ser...
Description 3-Wire to Bytewide Converter Chip(3线至字节宽度位)转换芯片)
3-Wire to Bytewide Converter Chip(3绾胯?瀛??瀹藉害锛?浣??杞?????)

File Size 132.70K  /  11 Page

View it Online

Download Datasheet

    ACT-SF512K32N-26P5C ACT-SF512K32N-26P5M ACT-SF512K32N-39P5M ACT-SF512K32N-39P5Q ACT-SF512K32N-39P5T

Aeroflex Circuit Technology
Part No. ACT-SF512k32N-26P5C ACT-SF512k32N-26P5M ACT-SF512k32N-39P5M ACT-SF512k32N-39P5Q ACT-SF512k32N-39P5T
OCR Text ...chnology www.aeroflex.com n 4 ? 512k x 8 srams & 4 ? 512k x 8 flash die in one mcm n access times of 25ns, 35ns (sram) and 60ns, 70ns, 90ns (flash) n organized as 512k x 32 of sram and 512k x 32 of flash memory with common data bus n low...
Description ACT-SF512k32 High Speed 512kx32 SRAM / 512kx32 Flash Multichip Module

File Size 182.43K  /  11 Page

View it Online

Download Datasheet

    SST
Part No. SST39LF802C
OCR Text ...9lf802c features ? organized as 512k x16 ? single voltage read and write operations ? 2.7-3.6v for sst39vf801c/802c ? 3.0-3.6v for sst39lf801c/802c ? superior reliability ? endurance: 100,000 cycles (typical) ? greater than 100 years data r...
Description (SST39LF801C / SST39LF802C) 8 Mbit (x16) Multi-Purpose Flash Plus

File Size 439.14K  /  38 Page

View it Online

Download Datasheet

    24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT24C512-10PC-2.7 AT24C512-10PI AT24C512-10PI-1.8 AT24C512-10PI-2.7 AT24

Atmel, Corp.
PROM
Atmel Corp.
ATMELCorporation
ATMEL[ATMEL Corporation]
Part No. 24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT24C512-10PC-2.7 AT24C512-10PI AT24C512-10PI-1.8 AT24C512-10PI-2.7 AT24C512-10UC AT24C512-10UC-1.8 AT24C512-10UC-2.7 AT24C512-10UI AT24C512-10UI-1.8 AT24C512-10UI-2.7 AT24C512C1-10CC AT24C512C1-10CC-1.8 AT24C512C1-10CC-2.7 AT24C512C1-10CI AT24C512C1-10CI-1.8 AT24C512C1-10CI-2.7 AT24C512W1-10SC AT24C512W1-10SC-1.8 AT24C512W1-10SC-2.7 AT24C512W1-10SI AT24C512W1-10SI-1.8 AT24C512W1-10SI-2.7
OCR Text ... * * * 2-wire Serial EEPROM 512k (65,536 x 8) * * AT24C512 Description The AT24C512 provides 524,288 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 65,536 words of 8 bits each. The...
Description Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8
2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8
2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
320 x 240 pixel format, LED or CFL Backlight
2-wireSerialEEPROM

File Size 183.70K  /  12 Page

View it Online

Download Datasheet

For 512k Found Datasheets File :: 4372    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 512k

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91981482505798