Part Number Hot Search : 
UN221V XXXXXX MB660XXX WAB060 NE587 CY7C680 EDZ11 WAB060
Product Description
Full Text Search
  3x3mm Datasheet PDF File

For 3x3mm Found Datasheets File :: 704    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AAT3688IWP-4.2-T1 AAT3688

AAT[Advanced Analog Technology, Inc.]
Part No. AAT3688IWP-4.2-T1 AAT3688
OCR Text ...lyenhanced, space-saving 12-pin 3x3mm TDFN package and is rated over the -40C to +85C temperature range. AAT3688 Features * * * BatteryManagerTM * * * * * * * * * USB Charger -- Programmable up to 500mA Max 4.0V to 5.5V Inpu...
Description USB Port Lithium-Ion/Polymer Battery Charger

File Size 509.02K  /  23 Page

View it Online

Download Datasheet





    LX5543

Microsemi Corporation
Part No. LX5543
OCR Text ...switch in a single package with 3x3mm footprint. lx5543 provides capability of sharing a single antenna between wlan and bluetooth systems through the sp3t switch. the tx path of lx5543 features a two-stage monolithic microwave integrated c...
Description 2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier and SP3T Switch

File Size 86.17K  /  3 Page

View it Online

Download Datasheet

    AAT3685-1

Advanced Analogic Technologies
Part No. AAT3685-1
OCR Text ...y-enhanced, space-saving 12-pin 3x3mm TDFN package and is rated over the -40C to +85C temperature range. Lithium-Ion/Polymer Battery Charger Features * Adapter or USB Charger Programmable up to 1A Max * 4.0V to 5.5V Input Voltage Rang...
Description Lithium-Ion/Polymer Battery Charger

File Size 370.31K  /  21 Page

View it Online

Download Datasheet

    MPS
Part No. MP6900
OCR Text ...pace saving tsot 23-5, qfn6 (3x3mm) or soic-8. features ? works with both standard and logic level fets ? compatible with energy star, 1w standby requiremen ts ? v dd range from 8v to 24v ? fast turn-of f total dela ...
Description Fast Turn-off Intelligent Controller

File Size 374.55K  /  12 Page

View it Online

Download Datasheet

    FAN2013 FAN2013MPX FAN201308

Fairchild Semiconductor
Part No. FAN2013 FAN2013MPX FAN201308
OCR Text ...nd Thermal Shutdown Protections 3x3mm 6-lead MLP Package Description The FAN2013 is a high-efficiency, low-noise, synchronous Pulse Width Modulated (PWM) currentmode DC-DC converter designed for low-voltage applications. It provides up ...
Description 2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator

File Size 874.77K  /  9 Page

View it Online

Download Datasheet

    FAN5307 FAN5307MP18X FAN5307MPX FAN5307S18X FAN5307SX

Fairchild Semiconductor
Part No. FAN5307 FAN5307MP18X FAN5307MPX FAN5307S18X FAN5307SX
OCR Text ...-Lead SOT-23 Package 6-Lead MLP 3x3mm Package Description The FAN5307, a high efficiency low noise synchronous PWM current mode and Pulse Skip (Power Save) mode DC-DC converter is designed for battery-powered applications. It provides u...
Description High-Efficiency Step-Down DC-DC Converter

File Size 622.96K  /  12 Page

View it Online

Download Datasheet

    FAN5336 FAN5336MPX FAN5336UMPX FAN533607

Fairchild Semiconductor
Part No. FAN5336 FAN5336MPX FAN5336UMPX FAN533607
OCR Text ...ation: 0.2% Low Ripple 6-Lead 3x3mm MLP tm Description The FAN5336 is a high-efficiency, low-noise, fixed-frequency PWM, current-mode, DC-DC boost regulator. It is designed for small LCD bias supply and white LED backlight supply a...
Description 1.5MHz Boost Regulator with 33V Integrated FET Switch

File Size 641.64K  /  10 Page

View it Online

Download Datasheet

    MP6402

Monolithic Power Systems
Part No. MP6402
OCR Text ...402 is available in soic8e and 3x3mm tqfn8 packages and is specified for operation t j from -40 c to +125 c. features ? up to 500ma output current ? high output voltage accuracy (1.5 ) ? high reset voltage accuracy (3 )...
Description Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit

File Size 377.56K  /  15 Page

View it Online

Download Datasheet

    FAN5308MPX FAN530807

Fairchild Semiconductor
Part No. FAN5308MPX FAN530807
OCR Text ...ort-circuit protection Pb-free 3x3mm 6-lead MLP package tm Description Designed for use in battery-powered applications, the FAN5308 is a high-efficiency, low-noise synchronous PWM current mode and pulse skip (power-save) mode DC-DC...
Description 800mA High-Efficiency Step-Down DC-DC Converter

File Size 439.59K  /  11 Page

View it Online

Download Datasheet

    MP2012 MP2012DQ MP2012DQ-LF-P

Monolithic Power Systems
MPS Industries, Inc.
Part No. MP2012 MP2012DQ MP2012DQ-LF-P
OCR Text ...2 is available in a small qfn6 (3x3mm) package. features ? 2.7-6v input operation range ? output adjustable from 0.8v to vin ? 1 a max shutdown current. ? up to 95% efficiency ? 100% duty cycle for low dropout applicat...
Description Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
   Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter

File Size 316.54K  /  10 Page

View it Online

Download Datasheet

For 3x3mm Found Datasheets File :: 704    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3x3mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38377404212952