Part Number Hot Search : 
MC14012B CMBTH10 2SD25 LD1206 MAX1115 SW12400E GBJ20G 15010
Product Description
Full Text Search
  25.40mm Datasheet PDF File

For 25.40mm Found Datasheets File :: 2012    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CM1431-08DE CM1431-08DF CM1431-04DE CM1431-04DF CM1431-06DF

ON Semiconductor
Part No. CM1431-08DE CM1431-08DF CM1431-04DE CM1431-04DF CM1431-06DF
OCR Text ...Level 30 dB Note 1: TA=25 unless otherwise specified. C Note 2: ESD applied to input and output pins with respect to GND, one at a time. Note 3: Attenuation / RF curves characterized by a network analyzer using microprobes. Rev....
Description LCD and Camera EMI Filter Array with ESD Protection

File Size 445.42K  /  12 Page

View it Online

Download Datasheet





    888N 889N 889D 871A 888D

Allen-Bradley
Part No. 888N 889N 889D 871A 888D
OCR Text ...V 18 AWG: 300V Straight: 56mm x 25.4mm Right angle: 40mm x 45mm 120V AC Rated Voltage Connector/ Body Dimensions Additional Info Straight: 51mm x 32mm Right angle: 56mm x 67mm 56mm x 28mm 56mm x 28mm ...
Description Female mini-plus cordset

File Size 127.22K  /  3 Page

View it Online

Download Datasheet

    EV-T220-38E EA-T220-38E EV-T220-64E EA-T220-64E EA-T220-51E EV-T220-51E

Ohmite Mfg. Co.
Part No. EV-T220-38E EA-T220-38E EV-T220-64E EA-T220-64E EA-T220-51E EV-T220-51E
OCR Text 25.40mm) 0.437" (11.10mm .30) 0.055" (1.40mm) 0.630" (16.00mm .20) 1.378" (35.00mm .20) 0.689" (17.50mm .15) o0.142" (3.60mm +.10/-0) 0.370" (9.40mm .20) 0.531" (13.50mm .20) 0.720" (18.30mm .20) 1.00" (25.40mm .20) 0.50" (12.70...
Description E Series Heatsinks

File Size 217.14K  /  1 Page

View it Online

Download Datasheet

    HARWIN INC
Part No. M50-078050F0645 M50-078050S2045 M50-078050W0245
OCR Text ...anical durability: m50-315: 25 operations m50-300, 311: 50 operations m50-4xx: 300 operations m50-3xx male: 600 operations ...40mm sq, pcb mounting hole is ?0.7mm. pin section is 0.40mm sq, pcb mounting hole is ?0.7mm. pin s...
Description 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 4,399.37K  /  9 Page

View it Online

Download Datasheet

    P6KE39 P6KE39A

Bytes
Part No. P6KE39 P6KE39A
OCR Text ....140(3.6) .104(2.6) DIA. 1.0(25.4) MIN. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial l...40mm X 40mm) per Fig.5. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. ...
Description 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

File Size 170.71K  /  4 Page

View it Online

Download Datasheet

    SA45A

Bytes
Part No. SA45A
OCR Text ....140(3.6) .104(2.6) DIA. 1.0(25.4) MIN. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial l...40mm X 40mm) per Fig.5. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. ...
Description 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

File Size 178.08K  /  4 Page

View it Online

Download Datasheet

    RMW280N03

Rohm
Part No. RMW280N03
OCR Text ...absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss ? 20 v continuous i d ?...40mm 40mm cu board ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 41.7 ? c / ...
Description 4.5V Drive Nch MOSFET

File Size 1,127.32K  /  7 Page

View it Online

Download Datasheet

    LMR324F-E2 LMR324F-TR LMR324FJ-E2 LMR324FJ-TR LMR324FV-E2 LMR324FV-TR LMR324FVJ-E2 LMR324FVJ-TR LMR321GG-TR LMR358G-E2 L

Rohm
Part No. LMR324F-E2 LMR324F-TR LMR324FJ-E2 LMR324FJ-TR LMR324FV-E2 LMR324FV-TR LMR324FVJ-E2 LMR324FVJ-TR LMR321GG-TR LMR358G-E2 LMR358FVT-TR LMR358FVT-E2 LMR358FV-E2 LMR358FV-TR LMR358FVJ-E2 LMR358FVM-TR LMR358FVM-E2 LMR358FVJ-TR LMR358F-E2 LMR358FJ-TR LMR358FJ-E2 LMR358F-TR LMR324FVM-E2 LMR324FVM-TR LMR321GFJ-E2 LMR321GFJ-TR LMR321GFV-TR LMR321GFVJ-E2 LMR321GFVJ-TR LMR321GFVM-E2 LMR321GFVT-E2 LMR324FVT-TR LMR324G-E2 LMR321GFV-E2 LMR321GFVM-TR LMR321GFVT-TR LMR324FVT-E2 LMR321G-E LMR321GF-TR LMR321GG-E2
OCR Text ... absolute maximum ratings (ta=25 ) parameter symbol rating unit lmr321g lmr358 lmr324 supply voltage vdd-vss +7 v power dissipation pd ssop5 675 *1*9 - - mw sop-j8 - 675 *1*9 - sop8 - 690 *2*9 - ssop-b8 - 625 *3*9 - t...
Description Ground sense Low Power General Purpose Operational amplifiers
   Ground sense Low Power General Purpose Operational amplifiers

File Size 705.07K  /  41 Page

View it Online

Download Datasheet

For 25.40mm Found Datasheets File :: 2012    Search Time::1.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 25.40mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.73504996299744