Part Number Hot Search : 
1N415 2SC17 TC5020BP 02N03 1A101 SGM6130 XXXZFZ DG444DJ
Product Description
Full Text Search
  2-wire Datasheet PDF File

For 2-wire Found Datasheets File :: 75422    Search Time::1.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2-1194946-2

Tyco Electronics
Part No. 2-1194946-2
OCR Text ...polyvinylidene fluoride. 2. solder preform with flux: solder: type sn63 per ansi j-std-006. flux: type rol1 per ansi...wire to terminals with 2.54 (0.100) or greater center spacing. wire accommodation: ...
Description SOLDERSLEEVE WIRE TERMINATOR

File Size 129.55K  /  1 Page

View it Online

Download Datasheet





    B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-10

Harwin PLC
HARWIN INC
Part No. B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-105-M-L-0 B5741-103-F-N-0 B5743-102-M-T-1 B5743-102-M-L-0 B5743-106-M-T-2 B5740-208-F-C-0 B5740-208-F-C-2 B5741-204-F-N-2 B5741-214-F-T-2 B5740-216-F-D-0 B5743-103-M-T-0 B5743-220-M-T-1 B5743-216-M-L-2 B5743-210-M-L-2 B5743-117-M-L-2 B5743-117-M-L-0 HARWININC-B5743-105-M-L-1 B5740-214-F-C-0 B5743-107-M-T-0 B5741-212-F-N-2 B5741-220-F-T-0 B5740-104-F-D-0 HARWININC-B5743-105-M-T-2 B5741-102-F-N-2 B5741-105-F-T-2 B5741-105-F-N-2 B5741-102-F-T-2
OCR Text 2 british s tandard d atamat e 8 l-te k 10 j-te k 18 mi x-tek C 2 r o w 35 mi x-tek spe cial c ontacts 43 mi x-tek C 3 r o...wire to bs 3 g 210 type a: type wire gauge (awg) typical stranding crimp tool setting min...
Description BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 3-way 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, 8 8-way 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 8 8-way
BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 5 5-way
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 17-way
BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 17-way
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 7 7-way
BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 7-way
BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 6 6-way
BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 10 10-way
BS Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip tin shell, 4-way
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2-way
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 2-way

File Size 5,199.28K  /  9 Page

View it Online

Download Datasheet

    2-1195133-9 650134-000 650133-000 650132-000 D-436-90

PANDUIT CORP.
Part No. 2-1195133-9 650134-000 650133-000 650132-000 D-436-90
OCR Text ... --- size: a sheet: 1 of 2 print date: 9-may-11 ? 2011 tyco electronics corporation, a...wire seal: low outgassing immersi on resistant thermoplastic. 3. separate multi-wire seal: low outg...
Description IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE SPLICER NICKEL PLATED, COLOR CODED, WITH INSPECTION SLOTS

File Size 123.07K  /  2 Page

View it Online

Download Datasheet

For 2-wire Found Datasheets File :: 75422    Search Time::1.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2-wire

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.3351140022278