Part Number Hot Search : 
2SB814 M41ST MUR220G AAMDA MFPS6S RODUCTS 1N5249 SM3K3
Product Description
Full Text Search
  0.200 Datasheet PDF File

For 0.200 Found Datasheets File :: 270773    Search Time::5.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RSP-200

Mean Well Enterprises Co., Ltd.
Part No. RSP-200
OCR Text 0.95 protections: short circuit / overload / over voltage / over temperature 3 years warranty ?? high efficiency up to 90%cooling by free ai...200- cc) led indicator for power on specification rsp-200-4 rsp-200-3.3 rsp-200-5 rsp-200-7.5 rsp-20...
Description 200W Single Output with PFC Function

File Size 137.13K  /  3 Page

View it Online

Download Datasheet





    Caddock Electronics, Inc.
Part No. MP915-2.00-1 MP930-7.50-5 MP930-12.0-1 MP930-10.0-1 MP930-0.020-5 MP930-50.0-1
OCR Text ...g surface. resistance range of 0.020 ohm to 1 k. non-inductive design. use your thermal design experience with power semiconductors in to-1...200 250 300 330 400 470 500 560 750 1.00 k 1.50 k 2.00 k 2.50 k 3.00 k 3.30 k 4.00...
Description RESISTOR, 1.25 W, 1 %, 80 ppm, 2 ohm, THROUGH HOLE MOUNT TO-126
RESISTOR, 2.25 W, 5 %, 80 ppm, 7.5 ohm, THROUGH HOLE MOUNT TO-220
RESISTOR, 2.25 W, 1 %, 80 ppm, 12 ohm, THROUGH HOLE MOUNT TO-220
RESISTOR, 2.25 W, 1 %, 80 ppm, 10 ohm, THROUGH HOLE MOUNT TO-220
RESISTOR, 2.25 W, 5 %, 300 ppm, 0.02 ohm, THROUGH HOLE MOUNT TO-220
RESISTOR, 2.25 W, 1 %, 80 ppm, 50 ohm, THROUGH HOLE MOUNT TO-220

File Size 122.49K  /  2 Page

View it Online

Download Datasheet

    Cosmo Electronics
Part No. P35-4103-P31-200
OCR Text ...8.5db gain over the 500mhz to 3.0 ghz frequency range. the design is self biased, operating from a single 5 volt supply applied to the rf o...200 marconi optical components parameter conditions min typ max units parameter condition min typ ma...
Description Amplifier. Other 放大器。其

File Size 114.63K  /  4 Page

View it Online

Download Datasheet

    Lantronix, Inc.
Part No. 500-200-R 500-199-R
OCR Text ...uirements * Internet Explorer 6.0+, Netscape 5.0+, Firefox 3.0+, Safari 2.0+ * PIII Processor equivalent or better (recommended) * Sun Java ...200 bps for serial device pass-through, unit configuration or PCU controller * USB * Local KVM conne...
Description
File Size 313.36K  /  2 Page

View it Online

Download Datasheet

    TC-200-DFF-416B-625.00MHZ TC-200 TC-200-CFC-416A-311.04MHZ TC-200-CFC-416A-622.08MHZ TC-200-CFC-416A-625.00MHZ TC-200-CF

Electronic Theatre Controls, Inc.
ETC[ETC]
Vectron International, Inc
Part No. TC-200-DFF-416B-625.00MHZ TC-200 TC-200-CFC-416A-311.04MHZ TC-200-CFC-416A-622.08MHZ TC-200-CFC-416A-625.00MHZ TC-200-CFC-416B-311.04MHZ TC-200-CFC-416B-622.08MHZ TC-200-CFC-416B-625.00MHZ TC-200-CFF-416A-311.04MHZ TC-200-CFF-416A-622.08MHZ TC-200-CFF-416A-625.00MHZ TC-200-CFF-416A-644.5313M TC-200-CFF-416B-311.04MHZ TC-200-CFF-416B-622.08MHZ TC-200-CFF-416B-625.00MHZ TC-200-DFC-416A-311.04MHZ TC-200-DFC-416A-622.08MHZ TC-200-DFC-416A-625.00MHZ TC-200-DFC-416B-311.04MHZ TC-200-DFC-416B-622.08MHZ TC-200-DFC-416B-625.00MHZ TC-200-DFF-416A-622.08MHZ TC-200-DFF-416A-625.00MHZ TC-200-DFF-416B-311.04MHZ TC-200-DFF-416B-622.08MHZ TC-200-DFF-416A-311.04MHZ
OCR Text ...0.48 x 25.4 x 6.35 mm (1.2" x 1.0" x 0.25") C = 5.0 Vdc 5% D = 3.3 Vdc 5% <200 mA Complementary PECL Voh ("1") = Vcc Vol ("0") = Vcc - 1.63 V max <400 ps (20% to 80%) 50/50 5% @ Vcc - 1.3 V C-416 - 4.1 ppm over 0oC to +70oC (per GR-253-CORE...
Description XTAL CER SMT 6X3.5 2PAD
Temperature Compensated Crystal Oscillators

File Size 108.38K  /  2 Page

View it Online

Download Datasheet

    Vectron
Part No. OX-200
OCR Text ... +100 +150 +200 ppb ppb ppb ppb 0 to +70c -20 to +70c -20 to +70c -40 to +85c options 5 initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year vs. aging / year (followig year) -0.3 -10 -10 -2 -500 -250 ...
Description Oven Controlled Crystal Oscillator

File Size 250.64K  /  5 Page

View it Online

Download Datasheet

    GE Security, Inc.
GE[General Semiconductor]
Part No. ZGL41-200 ZGL41-100 ZGL41-110 ZGL41-120 ZGL41-130 ZGL41-140 ZGL41-150 ZGL41-160 ZGL41-170 ZGL41-180 ZGL41-190
OCR Text ...213AB Steady State Power - 1.0 Watt FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surfac...200 100 110 120 130 140 150 160 170 180 190 200 3.7 3.4 3.1 2.9 2.7 2.5 2.3 2.2 2.1 2.0 1.9 ...
Description Surface Mount Glass Passivated Zener(表贴型钝化玻璃齐纳二极管) 表面安装玻璃钝化齐纳(表贴型钝化玻璃齐纳二极管)

File Size 39.80K  /  2 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. SMBYW02-200
OCR Text ...rward current tl=100 c d = 0.5 2a i fsm non repetitive surge peak forward current tp=10ms sinusoidal 50 a tstg storage temperature rang...200 v v f (max) 0.85 v tj (max) 150 c main product characteristics 1/5 obsolete product(s) - obsole...
Description 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA PLASTIC, SMB, 2 PIN

File Size 185.94K  /  5 Page

View it Online

Download Datasheet

For 0.200 Found Datasheets File :: 270773    Search Time::5.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43523287773132