Part Number Hot Search : 
LTC1264 TD100 CD4069CN 71ACA BZX58 XT5001 NC303SOT MBR16100
Product Description
Full Text Search
  0.150 Datasheet PDF File

For 0.150 Found Datasheets File :: 324872    Search Time::3.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EPD-150-0-3.6

EPIGAP optoelectronic GmbH
Part No. EPD-150-0-3.6
OCR Text 0-3.6 6/21/2007 rev. 05/07 Case TO-39 + sapphire window Type Schottky Contact Technology GaP Wavelength UV Description Wide bandwidth and high sensitivity from VUV up to the visible spectrum (150 nm - 550 nm), mounted in hermetically...
Description Photodiode

File Size 48.86K  /  2 Page

View it Online

Download Datasheet





    EPD-150-0-2.5

EPIGAP optoelectronic GmbH
Part No. EPD-150-0-2.5
OCR Text 0-2.5 6/21/2007 rev. 05/07 Case TO-39 + sapphire window Type Schottky Contact Technology GaP Wavelength VUV Description Wide bandwidth and high sensitivity from VUV up to the visible spectrum (150 nm - 550 nm), mounted in hermeticall...
Description Photodiode

File Size 51.46K  /  2 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 0401-0-150-01-47-01-04-0
OCR Text 0 basic part # specify contact finish: specify shell finish: 01 200 " tin/lead over nickel 01 200 " tin/lead over nickel 14 10 " gold over nickel 15 10 " gold over nickel ...
Description BERYLLIUM COPPER ALLOY, TIN LEAD FINISH, PCB TERMINAL

File Size 40.76K  /  1 Page

View it Online

Download Datasheet

    150-150RL-S 150-100RL-S

Anaren Microwave, Inc.
Part No. 150-150RL-S 150-100RL-S
OCR Text ...cifications Features: * DC - 2.0 GHz * 150 Watts * BeO Ceramic * Non-Nichrome Resistive Element * Welded Silver Leads * 100% Tested * RoHS Compliant Resistance Range Frequency Range Power Capacitance See chart See chart 150 Watts See char...
Description Flanged Resistors 150 Watts

File Size 220.24K  /  2 Page

View it Online

Download Datasheet

    DS2016-150

MAXIM - Dallas Semiconductor
Part No. DS2016-150
OCR Text ...ting v cc power supply voltage -0.3v to +7.0v v in , v i/o input, input/output voltage -0.3 to v cc +0.3v t stg storage temperature -55 c ...150 parameter symbol min typ max min typ max units notes read cycle time t rc 100 150 ns access time...
Description 2k x 8 3V/5V Operation Static RAM

File Size 255.76K  /  9 Page

View it Online

Download Datasheet

    GS880Z36BT-150 GS880Z36BT-150I GS880Z18BT-300 GS880Z18BT-333 GS880Z36BT-333 GS880Z18BT-250 GS880Z36BT-300 GS880Z36BT-250

GSI Technology
http://
Part No. GS880Z36BT-150 GS880Z36BT-150I GS880Z18BT-300 GS880Z18BT-333 GS880Z36BT-333 GS880Z18BT-250 GS880Z36BT-300 GS880Z36BT-250
OCR Text ...Curr (x18) Curr (x32/x36) 2.5 3.0 250 290 4.5 4.5 200 230 Paramter Synopsis -300 2.5 3.3 230 265 5.0 5.0 185 210 -250 2.5 4.0 200 2...150 3.8 6.7 140 160 7.5 7.5 128 145 Unit ns ns mA mA ns ns mA mA Flow Through 2-1-1-1 Rev...
Description 9Mb Pipelined and Flow Through Synchronous NBT SRAM

File Size 431.93K  /  24 Page

View it Online

Download Datasheet

    PSSP-150-12 PSSP-150-13.5 PSSP-150-15 PSSP-150-24 PSSP-150-27 PSSP-150-3.3 PSSP-150-48 PSSP-150-5 PSSP-150-7.5 PSSP150

Wall Industries,Inc.
Part No. PSSP-150-12 PSSP-150-13.5 PSSP-150-15 PSSP-150-24 PSSP-150-27 PSSP-150-3.3 PSSP-150-48 PSSP-150-5 PSSP-150-7.5 PSSP150
OCR Text ...lt-In Active PFC Function, PF > 0.93 Built-In Constant Current Limiting Circuit Short Circuit, Overload, Over Voltage, and Over Temperatur...150% rated output power Overload Protection Protection Type: Constant current limiting; recovers aut...
Description Single Output 150 Watt with PFC Function AC/DC Switching Power Supply

File Size 157.44K  /  3 Page

View it Online

Download Datasheet

    SM5106-150-A SM5106-015-A SM5106-030-A SM5106-060-A

List of Unclassifed Manufacturers
ETC
Part No. SM5106-150-A SM5106-015-A SM5106-030-A SM5106-060-A
OCR Text ...Temperature Storage Temperature 0 0 75 85 85 100 -35 -24 -7 +24 -0.45 4 3X 5X -40 -55 Typ. 5.0 1.5 100 110 125 145 8 -19 -1 +27.5 -0.15 5 Max. 15 2.5 125 130 150 195 35 -15.5 +7 +33 +0.45 6 Units V mA mV mV mV mV mV %FS/100C %FS/10...
Description Small, Low Cost OEM Pressure Die

File Size 218.07K  /  2 Page

View it Online

Download Datasheet

    LV12S26-150 LV12S26-150-S

Wall Industries,Inc.
Part No. LV12S26-150 LV12S26-150-S
OCR Text ...3 No Load Input Current No Load 0.15 Input Current under "Remote Off" 0.0064 Reflected Ripple Current 225 84.5 EFFICIENCY OUTPUT (Vo) 25.74 ...150 Unit kHz Vdc Vdc Vdc A A A mA % Vdc % Vdc % % % / oC Vdc % mVpk-pk mVpk-pk A A Vdc mV ms ms %...
Description Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package

File Size 451.13K  /  15 Page

View it Online

Download Datasheet

    NTD3055-150-D NTD3055-150/D

ON Semiconductor
Part No. NTD3055-150-D NTD3055-150/D
OCR Text 0 1 publication order number: ntd3055150/d ntd3055-150 power mosfet 9.0 amps, 60 volts nchannel dpak designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits. typ...
Description Power MOSFET 9.0 Amps60 Volts
Power MOSFET 9.0 Amps, 60 Volts N-Channel DPAK

File Size 58.85K  /  8 Page

View it Online

Download Datasheet

For 0.150 Found Datasheets File :: 324872    Search Time::3.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1360669136047