Part Number Hot Search : 
C1161 MK105 FQI630 MP501 CA3078AE NUF4401 AS6133 TCJB227M
Product Description
Full Text Search
  -50v Datasheet PDF File

For -50v Found Datasheets File :: 28411    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...B1 = 0.05A, IB2 = - 0.1A, VCC = 50V min typ max 100 100 100 Unit A A A V 50 500 0.5 1500 0.7 VCE(sat) VBE(sat) fT ton tstg tf V V 75 0.3 3.5 0.9 MHz s s s *h FE Rank classification P Q Rank hFE 800...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA9

Rohm CO.,LTD.
ROHM[Rohm]
Part No. 2SA1037 2SA1037AK 2SA2029 2SA933AS 2SA933ASTPQ 2SA1576AT146Q 2SA1037AKT2LS 2SA933ASQ 2SA933ASR 2SA933ASS 2SA933ASTP 2SA933ASTPR 2SA933ASTPS 2SA1037AKT2L 2SA1037AKT2LQ 2SA1037AKT2LR 2SA1576AT146 2SA1576AT146R 2SA1576AT146S 2SA1774 2SA1037AKQ 2SA1037AKR 2SA1037AKS 2SA1576A 2SA1576AQ 2SA1576AR 2SA1576AS 2SA1774Q 2SA1774R 2SA1774S 2SA1774T106 2SA1774T106Q 2SA1774T106R 2SA1774T106S 2SA2029Q 2SA2029R 2SA2029S 2SA2029TL 2SA2029TLQ 2SA2029TLR 2SA2029TLS 2SA1774H
OCR Text 50V, -0.15A) 2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS !Features 1) Excellent hFE linearity. 2) Complements the 2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S. !External dimensions (Units : mm) 2SA1037AK (1) 2SA1576A (1...
Description 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
General Purpose Transistor
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 73.92K  /  3 Page

View it Online

Download Datasheet

    2SA2031 2SC5669

SANYO[Sanyo Semicon Device]
Formosa MS
Sanyo Electric Co.,Ltd.
Part No. 2SA2031 2SC5669
OCR Text ...VR RL= 6.67 VBE= --2V VCC=50V 10IB1= --10IB2=IC=7.5A For PNP, the polarity is reversed. --16 --14 IC -- VCE 2SA2031 16 IC -- VCE 2SC5669 mA 0 --50 mA --400mA Collector Current, IC -- A 14 400 mA 50...
Description NPN Triple Diffused Planar Silicon Transistor 230V / 15A, AF100W Output Applications
PNP Epitaxial Planar Silicon Transistor 230V / 15A, AF100W Output Applications
230V / 15A/ AF100W Output Applications

File Size 33.17K  /  4 Page

View it Online

Download Datasheet

    2SA2062 2SC5774

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. 2SA2062 2SC5774
OCR Text ... IB2 VR 50 RB + 100F + 470F VCC=50V 2.6 3.5 INPUT 1.2 15.0 20.0 RL= 10 1.6 2.0 1.3 20.0 0.6 VBE= --5V IC=10IB1= --10IB2=5A For PNP, the polarity is reversed. 1.0 1 0.6 2 3 1.4 1 : Base 2 : Coll...
Description 140V / 10A, AF70W Output Applications

File Size 34.06K  /  4 Page

View it Online

Download Datasheet

    2SA921

PANASONIC[Panasonic Semiconductor]
Part No. 2SA921
OCR Text ...CE(sat) fT NV Conditions VCB = -50v, IE = 0 VCE = -50v, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB Rg = 100k, Func...
Description Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

File Size 36.24K  /  2 Page

View it Online

Download Datasheet

    2SA935

Rohm Co., Ltd.
TEL[TRANSYS Electronics Limited]
Part No. 2SA935
OCR Text ...c=-2mA, IB=0 IE=-50A, IC=0 VCB=-50v, IE=0 VEB=-4V, IC=0 VCE=-3V, IC=-100mA IC=-500mA, IB=-50mA VCE=-10V, IC=-50mA VCB=-10V, IE=0, f=1MHz -80 -80 -5 -0.5 -0.5 82 390 -0.4 100 20 A A V MHz pF fT Cob CLASSIFICATION OF hFE(1) R...
Description TO-92L Plastic-Encapsulated Transistors 92L塑料封装晶体

File Size 55.52K  /  1 Page

View it Online

Download Datasheet

    2SB1036

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1036
OCR Text ...CE(sat) fT NV Conditions VCB = -50v, IE = 0 VCE = -50v, IB = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -5V, IC = -2mA IC = -20mA, IB = -2mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -40V, IC = -1mA, GV = 80dB, Rg = 100k, Fun...
Description Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)

File Size 36.41K  /  2 Page

View it Online

Download Datasheet

    2SB1148 2SB1148A B1148

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB1148 2SB1148A B1148
OCR Text ...tions VCB = -40V, IE = 0 VCB = -50v, IE = 0 VEB = -5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -3A IC = -10A, IB = - 0.33A IC = -10A, IB = - 0.33A VCE = -10V, IC = - 0.5A, f = 10MHz VCB = -10V, IE = 0, f = 1MHz IC =...
Description Silicon PNP epitaxial planar type(For low-voltage switching)

File Size 57.43K  /  3 Page

View it Online

Download Datasheet

    2SB1154

EPCOS AG
PANASONIC[Panasonic Semiconductor]
Part No. 2SB1154
OCR Text ...B1 = - 0.6A, IB2 = 0.6A, VCC = -50v 30 0.5 1.0 0.2 -80 45 90 30 - 0.5 -1.5 -1.5 -2.5 V V V V MHz s s s 260 min typ max -10 -50 Unit A A V Forward current transfer ratio Collector to emitter saturation voltage Base to emitter satura...
Description FILTER PLATE 10 A, 80 V, PNP, Si, POWER TRANSISTOR
Silicon PNP epitaxial planar type(For power switching)

File Size 60.17K  /  3 Page

View it Online

Download Datasheet

    2SB1155

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1155
OCR Text ...B1 = - 0.7A, IB2 = 0.7A, VCC = -50v 25 0.5 1.3 0.2 -80 45 90 30 - 0.5 -1.5 -1.5 -2.5 V V V V MHz s s s 260 min typ max -10 -50 Unit A A V Forward current transfer ratio Collector to emitter saturation voltage Base to emitter satura...
Description Silicon PNP epitaxial planar type(For power switching)

File Size 59.98K  /  3 Page

View it Online

Download Datasheet

For -50v Found Datasheets File :: 28411    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -50v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90076494216919