Part Number Hot Search : 
L63ID LT1T023C BYV27200 AS300DB B3010 74HC15 TB6552F STDP2550
Product Description
Full Text Search
  -mosv Datasheet PDF File

For -mosv Found Datasheets File :: 463    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SJ619

Toshiba Corporation
Toshiba Semiconductor
Sanyo Semicon Device
Part No. 2SJ619
OCR Text MOSV) 2SJ619 Switching Regulator and DC-DC Converter Applications Motor Drive Applications * * * * * 4-V gate drive Low drain-source ON resistance: RDS (ON) = 0.15 W (typ.) High forward transfer admittance: iYfsi = 7.7 S (typ.) Low lea...
Description ZD-3.6V- 1 W
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2MOSV)
Field Effect Transistor Silicon P Channel MOS Type (L2-PI-mosv) Switching Regulator and DC-DC Converter Applications Motor Drive Applications

File Size 216.16K  /  6 Page

View it Online

Download Datasheet





    2SJ620

TOSHIBA[Toshiba Semiconductor]
Part No. 2SJ620
OCR Text MOSV) 2SJ620 Switching Regulator and DC-DC Converter Applications Motor Drive Applications * * * * * 4-V gate drive Low drain-source ON resistance: RDS (ON) = 63 m (typ.) High forward transfer admittance: |Yfs| = 15 S (typ.) Low leakag...
Description Field Effect Transistor Silicon P Channel MOS Type (L2-PI-mosv) Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-ヰ-mosv)
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2--mosv)

File Size 221.26K  /  6 Page

View it Online

Download Datasheet

    2SK3313

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3313
OCR Text MOSV) 2SK3313 Chopper Regulator, DC-DC Converter Applications Motor Drive Applications l Fast reverse recovery time l Low drain-source ON resistance l High forward transfer admittance l Low leakage current l Enhancement-mode : trr = 90...
Description Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
Chopper Regulator DC−DC Converter Applications Motor Drive Applications
Chopper Regulator, DC−DC Converter Applications Motor Drive Applications

File Size 259.73K  /  7 Page

View it Online

Download Datasheet

    2SK3316

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3316
OCR Text MOSV) 2SK3316 Switching Regulator Applications Unit: mm l Fast reverse recovery time l Low drain-source ON resistance l High forward transfer admittance l Low leakage current l Enhancement-mode : trr = 60 ns (typ.) : RDS (ON) = 1.6 (t...
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

File Size 256.79K  /  6 Page

View it Online

Download Datasheet

    2SK3342

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3342
OCR Text MOSV) 2SK3342 Switching Regulator Applications DC-DC Converter, and Motor Drive Applications l Low drain-source ON resistance l High forward transfer admittance l Low leakage current l Enhancement-mode : RDS (ON) = 0.8 (typ.) : |Yfs| ...
Description Field Effect Transistor Silicon N Channel MOS Type (PI-mosv) Switching Regulator Applications DC .DC Converter, and Motor Drive Applications
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)

File Size 124.76K  /  3 Page

View it Online

Download Datasheet

    2SK3373

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3373
OCR Text MOSV) 2SK3373 Switching Regulator and DC-DC Converter Applications Motor Drive Applications * * * * Low drain-source ON resistance: RDS (ON) = 2.9 m (typ.) High forward transfer admittance: |Yfs| = 1.7 S (typ.) Low leakage current: IDS...
Description Switching Regulator and DC-DC Converter Applications Motor Drive Applications

File Size 229.37K  /  7 Page

View it Online

Download Datasheet

    2SK3388

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3388
OCR Text MOSV) 2SK3388 Switching Regulator, DC-DC Converter Applications Motor Drive Applications Unit: mm * * * * Low drain-source ON resistance: RDS (ON) = 82 m (typ.) High forward transfer admittance: |Yfs| = 20 S (typ.) Low leakage cu...
Description Field Effect Transistor Silicon N Channel MOS Type (pi-mosv) Switching Regulator, DC-DC Converter Applications Motor Drive Applications
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type

File Size 221.66K  /  6 Page

View it Online

Download Datasheet

    2SK3398

TOSHIBA[Toshiba Semiconductor]
Part No. 2SK3398
OCR Text MOSV) 2SK3398 Switching Regulator and DC-DC Converter Applications and Motor Drive Applications * * * * Low drain-source ON resistance: RDS (ON) = 0.4 m (typ.) High forward transfer admittance: |Yfs| = 9.0 S (typ.) Low leakage current:...
Description Switching Regulator and DC-DC Converter Applications and Motor Drive Applications

File Size 225.59K  /  7 Page

View it Online

Download Datasheet

For -mosv Found Datasheets File :: 463    Search Time::2.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of -mosv

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.7198431491852