Part Number Hot Search : 
S24IZ 1800F E004846 A1SA3 ON2873 215DH IRF371 SAA4981
Product Description
Full Text Search
  u-cut Datasheet PDF File

For u-cut Found Datasheets File :: 7703    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HC49-U-SMC Q0.92160-S-30-50 Q0.92160-S-30-100 Q50.0-S-30-50 Q70.0-S-30-50 Q20.0-S-30-100 Q50.0-S-30-100 Q70.0-S-30-100 Q

Jauch Quartz Gmbh
Part No. HC49-U-SMC Q0.92160-S-30-50 Q0.92160-S-30-100 Q50.0-S-30-50 Q70.0-S-30-50 Q20.0-S-30-100 Q50.0-S-30-100 Q70.0-S-30-100 Q20.0-S-30-50 Q70.0-S-30-30 Q50.0-S-30-30 Q20.0-S-30-30 Q0.92160-S-30-3 Q0.92160-S-30-30
OCR Text U-SMC SMD Crystal Version * 17.5 x 10.8 mm actual size available for developed frequencies only SMD version reflow soldering temperatur...cut ) ( fund. AT-cut ) Dimensions 17.50.3 0.7 2.00.1 0.80.1 4.00.1 2.40.1 10.4 ( 5th OT AT...
Description Quartz Crystal

File Size 142.99K  /  2 Page

View it Online

Download Datasheet





    CD299PG

Jianghai Europe GmbH
Part No. CD299PG
OCR Text ... temperature failure rate level u r i r 105c 1% failure rate u r 1,4 x i r 50c 1% failure rate u r i r 105c guaranteed u r i r = 0 105c u...cut 5,0mm = cb 2,5mm = 25 45x100 = 45100 cd 262 = qm 10 000 = 103 cut , mm = cc ...
Description EC Snap-In 105°C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)

File Size 858.48K  /  4 Page

View it Online

Download Datasheet

    MK7-1A51C-500T MK7-1A51C-500U MK7-1A51C-500W MK7-1A51C-500X MK7-1A51C-500Y MK7-1A66B-500T MK7-1A66B-500U MK7-1A66B-500W

http://
Meder Electronic
Part No. MK7-1A51C-500T MK7-1A51C-500U MK7-1A51C-500W MK7-1A51C-500X MK7-1A51C-500Y MK7-1A66B-500T MK7-1A66B-500U MK7-1A66B-500W MK7-1A66B-500X MK7-1A66B-500Y MK7-1A66C-500T MK7-1A66C-500U MK7-1A66C-500W MK7-1A66C-500X MK7-1A66C-500Y MK7-1A66D-500T MK7-1A66D-500U MK7-1A66D-500W MK7-1A66D-500X MK7-1A66D-500Y MK7_1-1A51E-500Y MK7-1B90D-500T MK7-1C90D-500T MK7_1-1B90D-500T MK7_1-1C90D-500T MK7-1B90D-500U MK7-1C90D-500U MK7_1-1B90D-500U MK7_1-1C90D-500U MK7-1B90D-500W MK7-1A66E-500T MK7_1-1A66E-500T MK7-1A66E-500U MK7_1-1A66E-500U MK7-1A66E-500W MK7_1-1A66E-500W MK7-1A66E-500X MK7_1-1A66E-500X MK7/1-1A51E-500Y MK7/1-1A51E-500X MK7/1-1A51E-500T MK7/1-1A51E-500U MK7/1-1A51E-500W MK7/1-1A81A-500W MK7/1-1A81A-500Y MK7/1-1A81A-500X MK7/1-1A81A-500T MK7/1-1A81A-500U MK7/1-1C90E-500T MK7/1-1B90E-500U MK7-1B90E-500W MK7/1-1C90E-500W MK7/1-1B90E-500X MK7-1B90E-500T MK7/1-1B90E-500T MK7-1C90E-500U MK7/1-1B90E-500W MK7-1B90E-500X MK7-1C90E-500X MK7/1-1C90E-500X MK7-1C90E-500Y MK7-1B90E-500Y MK7/1-1C90E-500U MK7-1C90E-500W MK7-1C90E-500T MK7-1B90E-500U MK7/1-1A51C-500W MK7/1-1A51C-500Y MK7/1-1A51C-500X MK7/1-1A51C-500T MK7/1-1A51C-500U MK7/1-1B90C-500W MK7/1-1C90C-500U MK7/1-1C90C-500T MK7/1-1B90D-500U MK7
OCR Text ... widespread termination "T" or "U" makes the MK7 series compatible with several inductive and magnetic proximity sensors. FEATURES * For...cut length includes: 30 mm of separated wire with 5 mm of wire stripped and tinned The cable cut len...
Description Cylindrical Reed Sensors with M8 Thread
   Cylindrical Reed Sensors with M8 Thread

File Size 52.65K  /  4 Page

View it Online

Download Datasheet

    BUX48A BUV48A BUV48AFI BUX48

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. BUX48A BUV48A BUV48AFI BUX48
OCR Text ...DATA mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187...
Description    HIGH POWER NPN SILICON TRANSISTORS
RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated
HIGH POWER NPN SILICON TRANSISTORS

File Size 88.73K  /  7 Page

View it Online

Download Datasheet

    BUX48C BUV48C BUV48CFI

STMICROELECTRONICS[STMicroelectronics]
Part No. BUX48C BUV48C BUV48CFI
OCR Text ...DATA mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187...
Description    HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS

File Size 47.06K  /  6 Page

View it Online

Download Datasheet

    2SK3455

NEC[NEC]
Part No. 2SK3455
OCR Text ...RCUIT 1 AVALANCHE CAPABILITY D.U.T. RG = 25 PG. VGS = 20 0 V 50 TEST CIRCUIT 2 SWITCHING TIME D.U.T. L VDD PG. RG VGS RL VDD I...CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE VGS(off) - Gate to Source Cut-off Voltage - V FORWARD TR...
Description SWITCHING N-CHANNEL POWER MOSFET

File Size 62.79K  /  8 Page

View it Online

Download Datasheet

    Torex
Part No. XP132A11A1SR TOR040
OCR Text ...D FUNCTION Source Gate Drain u SOP - 8 Top View Equivalent Circuit Absolute Maximum Ratings Ta=25 OC PARAMETER Drain - Source V...Cut-off Current Gate-Source Leakage Current Gate-Source Cut-off Voltage Drain-Source On-state Resist...
Description Power MOS FET
From old datasheet system

File Size 44.33K  /  4 Page

View it Online

Download Datasheet

    XP132A11A1SR

Torex Semiconductor
Part No. XP132A11A1SR
OCR Text ...D FUNCTION Source Gate Drain u SOP - 8 Top View Equivalent Circuit Absolute Maximum Ratings Ta=25 OC PARAMETER Drain - Source V...Cut-off Current Gate-Source Leakage Current Gate-Source Cut-off Voltage Drain-Source On-state Resist...
Description POWER MOS FET

File Size 56.32K  /  4 Page

View it Online

Download Datasheet

    SR500 SR550

Lumins Inc.
Part No. SR500 SR550
OCR Text U M IN I S Specification 1 2 3 SCIROCCO SR500 . SR550 All exposed cast aluminum components are made of non corrosive pure aluminum cop...cut stem to length on site.(Mounts over a standard 4" octagonal box with 3 1/2" C/C holes) 29" W ...
Description Ceiling surface mounting

File Size 296.39K  /  4 Page

View it Online

Download Datasheet

    THD215HI THD215

STMICROELECTRONICS[STMicroelectronics]
Part No. THD215HI THD215
OCR Text ...LESTYPE HIGH VOLTAGE CAPABILITY U.L. RECOGNISED ISOWATT218 PACKAGE (U.L. FILE # E81734 (N)). APPLICATIONS s HORIZONTAL DEFLECTION FOR COL...Cut-off Current (IB = 0) Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Test...
Description HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR

File Size 64.53K  /  6 Page

View it Online

Download Datasheet

For u-cut Found Datasheets File :: 7703    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of u-cut

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3803820610046