|
|
|
etc ROHM Electronic Theatre Controls, inc. List of Unclassifed Manufacturers
|
Part No. |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD5325G_FVE BD5326G_FVE BD5324G_FVE BD5329G_FVE BD5342G_FVE BD5332G_FVE BD5246G_FVE BD5247G_FVE BD5234G_FVE BD5260 BD5260G BD5260G_FVE BD5353G_FVE BD5337G_FVE BD5336G_FVE BD5237G_FVE BD5239G_FVE BD5243G_FVE BD5245G_FVE BD5244G_FVE BD5242G_FVE BD5238G_FVE BD5330G_FVE BD5227G_FVE BD5226G_FVE BD5251G_FVE BD5255G_FVE BD5254G_FVE BD5349G_FVE BD5343G_FVE BD5348G_FVE BD5256G_FVE BD5341G_FVE BD5257G_FVE BD5259G_FVE BD5258G_FVE BD5352G_FVE BD5359G_FVE BD5356G_FVE BD5355G_FVE BD5354G_FVE BD5323G_FVE BD5357G_FVE BD5227G/FVE BD5247G/FVE BD5255G/FVE BD5234G/FVE BD5254G/FVE BD5343G/FVE BD5348G/FVE BD5352G/FVE BD5325G/FVE BD5349G/FVE BD5323G/FVE BD5238G/FVE BD5330G/FVE BD5225G/FVE BD5359G/FVE BD5242G/FVE BD5246G/FVE BD5251G/FVE BD5256G/FVE BD5243G/FVE BD5335G/FVE BD5329G/FVE BD5326G/FVE BD5336G/FVE BD5342G/FVE BD5358G/FVE BD5353G/FVE BD5357G/FVE BD5350G/FVE BD5245G/FVE BD5331G/FVE BD5244G/FVE BD5346G/FVE BD5257G/FVE BD5259G/FVE BD5258G/FVE BD5341G/FVE BD5354G/FVE BD5327G/FVE BD5324G/FVE BD5252G/FVE BD5332G/FVE BD5351 BD5355G/FVE BD5223 BD5224G/FVE BD5223G/FVE BD5226G/FVE BD5229G/FVE BD5333 BD5333G/FVE BD5334 BD5334G/FVE BD5240 BD5240G/FVE BD5241 BD5
|
Description |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector iC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector iC with external C delay circuit (CMOS output type) VOLTAGE detector iC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
File Size |
372.29K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
MiCROCHiP[Microchip Technology] Microchip Technology inc.
|
Part No. |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR
|
Description |
1A Voltage detector with Output Delay 1UA Voltage detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. it is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE detector WiTH OUTPUT DELAY 1レA Voltage detector with Output Delay 1μA Voltage detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
File Size |
443.51K /
14 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|