|
|
|
siemens semiconductor G... sIEMENs[siemens semiconductor Group] sIEMENs AG Fairchild semiconductor, Corp.
|
Part No. |
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC807-16 BC807-40 BC807-25 Q62702-C1736 Q62702-C1504 Q62702-C1692 Q62702-C1721 Q62702-C1735
|
Description |
From old datasheet system sH2 series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2s, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP silicon AF Transistors (For general AF applications high collector current high current gain) 500 mA, 25 V, PNP, si, sMALL sIGNAL TRANsIsTOR PNP silicon AF Transistors (For general AF applications high collector current high current gain) 500 mA, 45 V, PNP, si, sMALL sIGNAL TRANsIsTOR PNP silicon AF Transistors (For general AF applications high collector current high current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
File Size |
131.96K /
5 Page |
View
it Online |
Download Datasheet |
|
|
|
semtech Corporation
|
Part No. |
sCPHN20 sCPHN26 sCPHN10 sCPHN16 sCPHN30 sCPHN6
|
Description |
high Voltage,high current,high Density standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, sILICON, RECTIFIER DIODE high Voltage,high current,high Density standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 sTANDARD RECOVERY high VOLTAGE, high current RECTIFIER
|
File Size |
113.64K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
API Delevan
|
Part No. |
4590R-223K 4590R-563K 4590R-823K 4590-682K 4590-683K 4590-685K 4590R-562K 4590-562K 4590-824K 4590-826K 4590-564K 4590-823K 4590-686K 4590-565K 4590-563K 4590-822K 4590-684K 4590-566K 4590-825K 4590-123K 4590-124K 4590-126K 4590-153K 4590-155K 4590-156K 4590-103K 4590-104K 4590-106K 4590-125K 4590-154K 4590-183K 4590-105K 4590R-155K 4590R-474K 4590R-395K 4590-184K 4590-186K 4590R-393K 4590-475K 4590R-123K 4590R-124K 4590R-125K 4590R-126K 4590-226K 4590R-473K 4590R-184K 4590R-334K 4590R-684K 4590R-472K 4590-274K 4590R-685K 4590R-224K 4590-225K 4590-336K 4590R-394K 4590-275K 4590-273K 4590R-154K 4590-392K 4590R-274K 4590-224K 4590-276K 4590R-156K 4590R-683K 4590-476K 4590R-564K 4590R-566K 4590-393K 4590R-565K 4590R-273K 4590R-183K 4590R-682K 4590R-822K 4590R-392K APIDELEVAN-4590-156K APIDELEVAN-4590-274K 4590R-156J
|
Description |
INDUCTOR high current 22.0UH 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 56.0UH 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 82.0UH 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 6.8UH 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR high current Filter Inductors INDUCTOR high current 5.6UH 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 1500UH 1 ELEMENT, 1500 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 470.0UH 1 ELEMENT, 470 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 180.0UH 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 18000UH 1 ELEMENT, 18000 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR INDUCTOR high current 680.0UH 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR 1 ELEMENT, 10000 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR AXIAL LEADED INDUCTOR high current 27000UH 1 ELEMENT, 15000 uH, FERRITE-CORE, GENERAL PURPOsE INDUCTOR
|
File Size |
1,134.49K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
semtech, Corp. semtech Corporation
|
Part No. |
sET111411 sET111403 sET111412 sET111419 sET111404
|
Description |
high Density,high current,3-Phase Full Wave Bridge Rectifier(????靛?400V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) high Density,high current,3-Phase Full Wave Bridge Rectifier(????靛?1000V,娓╁害55???骞冲??存??垫?30A,楂??搴?澶х?娴?涓???ㄦ尝妗ユ?娴??) 3 PHAsE, 30 A, sILICON, BRIDGE RECTIFIER DIODE high Density,high current,3-Phase Full Wave Bridge Rectifier(????靛?150V,娓╁害55???骞冲??存??垫?45A,楂??搴?澶х?娴??涓???ㄦ尝妗ユ?娴??) high Density,high current,3-Phase Full Wave Bridge Rectifier(反向电压1000V,温度55℃时平均整流电流45A,高密大电三相全波桥整流器) 高密度,大电3 -相全波桥式整流器(反向电000V的温5℃时平均整流电流45A条,高密度,大电流,三相全波桥整流器 high current, 3-PHAsE FULL WAVE BRIDGE AssEMBLY
|
File Size |
113.74K /
4 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|