Part Number Hot Search : 
M55302 UES2604 SC1602D BU4316F RF1210D THN4301E 99000 40113
Product Description
Full Text Search
  nbspnbspnbspsensor actuator ca Datasheet PDF File

For nbspnbspnbspsensor actuator ca Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Atmel, Corp.
Part No. TP48UW5S2000M
Description Pushbutton Switch; Illumination:Non-Illuminated; actuator Style:Round; actuator Diameter:1.32mm; Circuitry:SPST; Switch Operation:Off-(On); Switch Terminals:Through Hole; actuator Height:1.98mm; Contact Rating:0.4 VA RoHS Compliant: Yes 模拟IC

File Size 191.77K  /  2 Page

View it Online

Download Datasheet





    意法半导
Part No. M41T80
Description Vandal Resistant Pushbutton Switch; Illumination:Illuminated; actuator Style:Round; actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Screw; Contact Current Max:50mA

File Size 125.01K  /  20 Page

View it Online

Download Datasheet

    DIALIGHT CORP
Part No. 513-0311-001
Description Pushbutton Switch; Illumination:Illuminated; actuator Style:Square; actuator Diameter:0.938"; Circuitry:SPDT; Switch Operation:(On); Switch Terminals:Through Hole; Contact Current Max:3A; Leaded Process Compatible:No RoHS Compliant: Yes

File Size 57.39K  /  1 Page

View it Online

Download Datasheet

    SONY[Sony Corporation]
Part No. 1T412
Description    Variable capacitance Diode
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; actuator Style:Round; actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push

File Size 59.05K  /  4 Page

View it Online

Download Datasheet

    SONY[Sony Corporation]
Part No. 1T405
Description Vandal Resistant Pushbutton Switch; Illumination:Illuminated; actuator Style:Round; actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Solder Lug; Contact Current Max:50mA
Variable capacitance Diode

File Size 53.75K  /  4 Page

View it Online

Download Datasheet

    KA9259CDTF KA9259CD KA9259EDTF KA9259ED

FAIRCHILD[Fairchild Semiconductor]
Part No. KA9259CDTF KA9259CD KA9259EDTF KA9259ED
Description 5-channel motor drive which drives focus actuator, tracking actuator, sled motor, spindle motor and loading motor of CD system.
5-Channel Motor Driver

File Size 288.74K  /  15 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ SC-1421-FREQ SC-1427-FREQ SC-1429-FREQ SC-142A-FREQ SC-142B-FREQ SC-14

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
ETC[ETC]
Part No. SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ SC-1421-FREQ SC-1427-FREQ SC-1429-FREQ SC-142A-FREQ SC-142B-FREQ SC-142C-FREQ SC-A1420 SC-A1427-FREQ SC-A1429-FREQ SC-A142A-FREQ SC-A142B-FREQ SC-A142C-FREQ
Description Crystal Clock Oscillators 晶体时钟振荡
SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger actuator, Solder (Turret) Termination
SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger actuator, Leadwire Termination
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger actuator, Solder Termination

File Size 37.63K  /  2 Page

View it Online

Download Datasheet

    RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-0515S RZ-0905S RZ-0912S RZ-0915S RZ-1212S RZ-1215S RZ-1505S RZ-1512S RZ-1

RECOM Electronic GmbH
RECOM Power Inc.
RECOM[Recom International Power]
Part No. RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-0515S RZ-0905S RZ-0912S RZ-0915S RZ-1212S RZ-1215S RZ-1505S RZ-1512S RZ-1515S RZ-2405S RZ-2412S RZ-2415S RECOMPOWERINC.-RZ-0915S
Description 0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片
ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger actuator, Quick Connect Termination
5015 RR 14#16 PIN RECP
ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever actuator, Quick Connect Termination

File Size 71.67K  /  2 Page

View it Online

Download Datasheet

    C&K Components
Part No. KT11P4CM KT11P4SA1M KT11P4JM KT11B1SM KT11P2SM KT11B2SM KT11P2SA1M KT11P3SA1M KT11P3CM KT11P3JM KT11P4SM KT11B0CM KT11B0JM KT11B0SM KT11B2CM KT11B2JM KT11B1JM KT11B1CM KT11P2CM KT11P2JM KT11P3SM KT11B0SAM
Description Internal actuator seal and insert molded terminals permit soldering and cleaning
Sealed Tactile Switches
Internal actuator seal and insert molded terminals?permit soldering and cleaning

File Size 425.58K  /  3 Page

View it Online

Download Datasheet

For nbspnbspnbspsensor actuator ca Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of nbspnbspnbspsensor actuator ca

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.20079112052917