Part Number Hot Search : 
TC40174 FN1016 015EZ0 250MA 1V0DS00 TA449W FFM15W T9340
Product Description
Full Text Search
  nbspnbspnbsp0 4 inch single di Datasheet PDF File

For nbspnbspnbsp0 4 inch single di Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20-1205DRWB REC20-1212DRWB REC20-1212SRWB REC20-1215DRWB REC20-2405DRWB

RECOM Electronic GmbH
RECOM Power Inc.
RECOM[Recom International Power]
Part No. REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20-1205DRWB REC20-1212DRWB REC20-1212SRWB REC20-1215DRWB REC20-2405DRWB REC20-2405SRWB REC20-2412DRWB REC20-2412SRWB REC20-2415DRWB REC20-2415SRWB REC20-4805DRWB REC20-4805SRWB REC20-4812DRWB REC20-4812SRWB REC20-4815DRWB
Description 20 Watt 2 inch x 2 inch single & Dual Output 20英寸× 2英寸
20 Watt 2 inch x 2 inch single & Dual Output 202英寸× 2英寸
CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR diELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes
20 WATT 2 inch X 2 inch single & DUAL OUTPUT

File Size 102.63K  /  4 Page

View it Online

Download Datasheet





    ITT, Corp.
HP[Agilent(Hewlett-Packard)]
Agilent (Hewlett-Packard)
Agilent(Hewlett-Packard...
Part No. HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 5082-511A-0I000 5082-511A-0J000 5082-511A-0K000 5082-511A-0L000 5082-511A-H0000 5082-511A-HH000 5082-511A-HI000 5082-511A-HJ000 5082-511A-HK000 5082-511A-HL000 5082-511A-I0000 5082-511A-IH000 5082-511A-II000 5082-511A-IJ000 5082-511A-IK000 5082-511A-IL000 5082-511A-J0000 5082-511A-JH000 5082-511A-JI000 5082-511A-JJ000 5082-511A-JK000 5082-511A-JL000 5082-511A-K0000 5082-511A-KH000 5082-511A-KI000 5082-511A-KJ000 5082-511A-KK000 5082-511A-KL000 5082-511A-L0000 5082-511A-LH000 5082-511A-LI000 5082-511A-LJ000 5082-511A-LK000 5082-511A-LL000 5082-511E-00000 5082-511E-0H000 5082-511E-0I000 5082-511E-0J000 5082-511E-0K000 5082-511E-0L000 5082-511E-H0000 5082-511E-HH000 5082-511E-HI000 5082-511E-HJ000 5082-511E-HK000 5082-511E-HL000 5082-511E-I0000 5082-511E-IH000 5082-511E-II000 5082-511E-IJ000 5082-511E-IK000 5082-511E-IL000 5082-511E-J0000 5082-511E-JH000 5082-511E-JI000 5082-511E-JJ000 5082-511E-JK000 5082-511E-JL000 5082-511E-K0000 5082-511E-KH000 5082-511E-KI000 5082-511E-KJ000 5082-511E-KK000 5082-511E-KL000 5082-511E-L0000 5082-511E-LH000 5082-511E-LI000 5082-511E-LJ000 5082-511E-LK000 5082-511E-LL000 5082-511G-00000 5082-511G-0H000
Description 14.22 mm (0.56 inch) General Purpose Seven-Segment display 14.22毫米.56英寸)通用七段显示
Multichannel Remote/Local Temperature Sensors
16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil
HDSP-511A · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-511E · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-511G · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-511Y · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-513A · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-513E · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-513G · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display
HDSP-513Y · 14.22 mm (0.56 inch) single digit General Purpose Seven Segment display

File Size 349.21K  /  10 Page

View it Online

Download Datasheet

    MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN6960E MAN6460ELLM

FAIRCHILD[Fairchild Semiconductor]
Part No. MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN6960E MAN6460ELLM
Description Green 0.560 inch single digit stick display, common anode
0.56 inch (14.2MM) single diGIT STICK diSPLAY
0.56 inch (14.2 MM) single diGIT STICK diSPLAY

File Size 264.61K  /  7 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE44213
Description SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch diameter, .020 inch x .010 inch Contact

File Size 314.77K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises,...
Part No. PE4913
Description SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact

File Size 222.40K  /  2 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE4543
Description SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact

File Size 263.14K  /  2 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE44210
Description SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact

File Size 310.03K  /  3 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE44138
Description SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact

File Size 234.27K  /  2 Page

View it Online

Download Datasheet

    TDA2030 TDA2030A

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. TDA2030 TDA2030A
Description Insulation Putty 1 1/2 inch x 60 inch RoHS Compliant: Yes
single Audio Amplifier
14W HI-FI AUdiO AMPLIFIER

File Size 99.59K  /  14 Page

View it Online

Download Datasheet

    VSL-CC-15B-35-801 VSL-CC-15B-35-813 VSL-CC-16B-35-802 VSL-CC-17B-35-802 VSL-CC-15B-35-802 VSL-CC-16B-35-803 VSL-CC-17B-3

dialight Corporation
http://
Part No. VSL-CC-15B-35-801 VSL-CC-15B-35-813 VSL-CC-16B-35-802 VSL-CC-17B-35-802 VSL-CC-15B-35-802 VSL-CC-16B-35-803 VSL-CC-17B-35-806 VSL-CC-17B-35-811 VSL-CC-37B-35-810 VSL-CC-37B-35-809
Description Vehicle Strip Lighting 18.5 inch (470mm) 12 inch (305mm) 6 inch (153mm)

File Size 132.13K  /  2 Page

View it Online

Download Datasheet

For nbspnbspnbsp0 4 inch single di Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of nbspnbspnbsp0 4 inch single di

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1907660961151