|
|
|
Linear Technology
|
Part No. |
LTC1861 LTC1860 LTC1861CS8 LTC1861CMS LTC1861IMS LTC1860IS8 LTC1860IMS8 LTC1860CMS8 LTC1860CS8 LTC1861IS8
|
Description |
5V, 2-Ch 12-bit, 250ksps, Serial Interface, MSOP 5V, 12-bit, 250ksps Differential Input ADC, MSOP, Serial Interface mPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
File Size |
167.46K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Products, Inc.
|
Part No. |
MAX1061 MAX1063 MAX1061AEEI
|
Description |
250ksps. 3V. 8-/4-Channel. 10-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
File Size |
403.92K /
20 Page |
View
it Online |
Download Datasheet |
|
|
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. http://
|
Part No. |
LTC1860IMS8-PBF LTC1860CMS8-PBF LTC1860CMS8-TRPBF LTC1861CS8-PBF LTC1860CS8-PBF LTC1861CMS-PBF LTC1861HMS-PBF LTC1861IMS-PBF LTC1860HMS8 LTC1860HMS8-PBF LTC1860IS8-PBF LTC186007 LTC1860CS8 LTC1860IMS8 LTC1861IS8 LTC1861IS8-PBF LTC1860IMS8PBF LTC1860HMS8TRPBF LTC1861CMSPBF LTC1861CMSTRPBF LTC1861IMSTRPBF LTC1860CMS8TRPBF LTC1860CS8TR LTC1860IS8 LTC1860CS8PBF LTC1861HMS
|
Description |
µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 2-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 2-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 µPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 レPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP μPower, 12-bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
File Size |
189.54K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim Integrated Produc... http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
Part No. |
MAX176 MAX176BCWE MAX176ACWE MAX176ACPA MAX176BCPA MAX176AEWE MAX176C_D MAX176BEWE MAX176BMJA MAX176AEPA MAX176AMJA MAX176BEPA MAX176C/D
|
Description |
Serial Output 12 Bits ADC(串行输出250ksps,串行2位ADC) 串行输出250ksps2位ADC,带有采保持和电压基 Serial Output 12 Bits ADC(串行输出B>250ksps,串行2位ADC) Serial-Output, 250ksps 12-bit ADC with T/H and Reference Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 0 Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 70 Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-37 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Serial-Output, 250ksps 12-bit ADC with T/H and Refernce 1-CH 12-bit SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
File Size |
529.92K /
14 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|